Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSRF9UG5192 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRF9UG5192
Description  DUAL COLOR LED LAMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9UG5192 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRF9UG5192 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSRF9UG5192 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Topr
-40 ~ +85
Operating Temperature
Viewing
angle
2
θ 1/2
(deg)
Dominant
wave
length
λDnm
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
574
630
Green
AlGaInP
LSRF9UG5192
White Diffused
Red
Emitted
Lens
28
15
2.6
1.7
1.5
20
2.4
38
Min.
Min.
Max.
65
134
Typ.
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
PART NO
COLOR
Luminous
intensity
@20mA(mcd)
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Storage Temperature
Tstg
-40 ~ +100
PART NO. LSRF9UG5192
Page 2/8
30
30
mA
IF
Forward Current
Reverse Current @5V
Electrostatic Discharge( * )
ESD
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
2000
10
10
V
μA
75
75
90
60
mW
mA
Absolute Maximum Ratings at Ta=25
Ratings
Parameter
Symbol
SRF
9UG
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
AlGaInP
20
134



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com