Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHF-2000 Datasheet(PDF) 3 Page - Mini-Circuits

Part # VHF-2000
Description  High Pass Filters 850 to 7000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VHF-2000 Datasheet(HTML) 3 Page - Mini-Circuits

  VHF-2000 Datasheet HTML 1Page - Mini-Circuits VHF-2000 Datasheet HTML 2Page - Mini-Circuits VHF-2000 Datasheet HTML 3Page - Mini-Circuits VHF-2000 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Page 3 of 4
VHF-1760
INSERTION LOSS
0
20
40
60
80
100
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
VHF-1760
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
VHF-1810
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
VHF-1810
VSWR
1
10
100
1000
10000
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
VHF-1910
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
VHF-1910
VSWR
1
10
100
1000
10000
0
1000
2000
3000
4000
5000
6000
7000
FREQUENCY (MHz)
VHF-2000
INSERTION LOSS
0
20
40
60
80
100
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
VHF-2000
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
VHF-2100
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
VHF-2100
VSWR
1
10
100
1000
10000
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
VHF-2275
INSERTION LOSS
0
20
40
60
80
100
120
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)
VHF-2275
VSWR
1
10
100
1000
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com