Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FH4MA Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT45FH4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FH4MA Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT45FH4MA Datasheet HTML 83Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 84Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 85Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 86Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 87Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 88Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 89Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 90Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 145 page
background image
Rev. 1.20
8�
De�e��e� 1�� 201�
Rev. 1.20
87
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Timer/Counter Mode
Toselectthismode,bitsT1M1andT1M0intheTM1C1registershouldbesetto11respectively.
TheTimer/CounterModeoperatesinanidenticalwaytotheCompareMatchOutputMode
generatingthesameinterruptflags.TheexceptionisthatintheTimer/CounterModetheTMoutput
pinisnotused.ThereforetheabovedescriptionandTimingDiagramsfortheCompareMatch
OutputModecanbeusedtounderstanditsfunction.AstheTMoutputpinisnotusedinthismode,
thepincanbeusedasanormalI/Opinorotherpin-sharedfunction.
PWM Output Mode
Toselectthismode,bitsT1M1andT1M0intheTM1C1registershouldbesetto10respectively
andalsotheT1IO1andT1IO0bitsshouldbesetto10respectively.ThePWMfunctionwithin
theTMisusefulforapplicationswhichrequirefunctionssuchasmotorcontrol,heatingcontrol,
illuminationcontrol,etc.Byprovidingasignaloffixedfrequencybutofvaryingdutycycleonthe
TMoutputpin,asquarewaveACwaveformcanbegeneratedwithvaryingequivalentDCRMS
values.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMmode,theT1CCLRbithasnoeffectasthePWM
period.BothoftheCCRPandCCRAregistersareusedtogeneratethePWMwaveform,oneregister
isusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,whiletheother
oneisusedtocontrolthedutycycle.ThePWMwaveformfrequencyanddutycyclecantherefore
becontrolledbythevaluesintheCCRAandCCRPregisters.
Aninterruptflag,oneforeachoftheCCRAandCCRP,willbegeneratedwhenacomparematch
occursfromeitherComparatorAorComparatorP.TheT1OCbitintheTM1C1registerisusedto
selecttherequiredpolarityofthePWMwaveformwhilethetwoT1IO1andT1IO0bitsareusedto
enablethePWMoutputortoforcetheTMoutputpintoafixedhighorlowlevel.TheT1POLbitis
usedtoreversethepolarityofthePWMoutputwaveform.
• 10-bit PTM, PWM Mode
Period
Duty
CCRP
CCRA
IffSYS=7.5MHz,TMclocksourceselectfH,CCRP=100andCCRA=40,
ThePTMPWMoutputfrequency=fH/100=300kHz,duty=40/100=40%,
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com