Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F008 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT66F008
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F008 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT66F008 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F008 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
Rev. 1.41
8
April 11, 2017
Rev. 1.41
9
April 11, 2017
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
HT66F007/HT66F008
Cost-Effective A/D Flash MCU with EEPROM
Pin Descriptions
Withtheexceptionofthepowerpins,allpinsonthesedevicescanbereferencedbytheirPortname,
e.g.PA0,PA1etc,whichrefertothedigitalI/Ofunctionofthepins.HoweverthesePortpinsare
alsosharedwithotherfunctionsuchastheAnalogtoDigitalConverter,TimerModulepinsetc.
Thefunctionofeachpinislistedinthefollowingtable,howeverthedetailsbehindhoweachpinis
configurediscontainedinothersectionsofthedatasheet.
AsthePinDescriptiontableshowsthesituationforthepackagewiththemostpins,notallpinsin
thetablewillbeavailableonsmallerpackagesizes.
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
General purpose I/O port A
PAPU
PAWU
ST
CMOS
—
AN0~AN4
A/D Converter input 0~4
ACER
AN
—
PA0~PA3, PA5
VREF
A/D Converter reference voltage input
ADCR1
AN
—
PA1
INT
External interrupt
PRM
ST
—
PA5 or PA2 or PA3 or PA7
TCK0
TM0 input
PRM
ST
—
PA7 or PA6
TCK1
TM1 input
PRM
ST
—
PA2 or PA4 or PA7
TP0_0
TM0 I/O
PRM
ST
CMOS PA0
TP0_1
TM0 I/O
PRM
ST
CMOS PA5 or PA1
TP1_0
TM1 I/O
PRM
ST
CMOS PA6 or PA7
TP1_1
TM1 I/O
PRM
ST
CMOS PA4
TP2_0
TM2 I/O
PRM
ST
CMOS PA2
OSC1
HXT pin
CO
HXT
—
PA6
OSC2
HXT pin
CO
—
HXT
PA5
CP
Comparator positive input
CPC
AN
—
PA0
CN
Comparator negative input
AN
—
PA1
CX
Comparator output
—
CMOS PA2
ICPCK
ICP clock input
—
ST
—
PA1
ICPDA
ICP data input/output
—
ST
CMOS PA0
VDD
Positive power supply*
—
PWR
—
—
AVDD
A/D Converter power supply*
—
PWR
—
—
VSS
Negative power supply, ground**
—
PWR
—
—
AVSS
A/D Converter ground**
—
PWR
—
—
The following pins are only for the HT66V007/HT66V008
OCDSCK
On-chip debug support clock pin
—
ST
—
—
OCDSDA
On-chip debug support data/address pin
—
ST
CMOS
—
Legend::I/T:Inputtype
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
CMOS:CMOSoutput
AN:Analogsignal
HXT:Highfrequencyctystaloscillator
*:VDDisthedevicepowersupplywhileAVDDistheADCpowersupply.TheAVDDpinisbonded
togetherinternallywithVDD.
**:VSSisthedevicegroundpinwhileAVSSistheADCgroundpin.TheAVSSpinisbondedtogether
internallywithVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com