Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F0042 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT66F0042
Description  A/D Flash MCU with EEPROM
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0042 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT66F0042 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F0042 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 178 page
background image
Rev. 1.30
40
De�e��e� 0�� �01�
Rev. 1.30
41
De�e��e� 0�� �01�
HT66F0042/HT66F0082
A/D Flash MCU with EEPROM
HT66F0042/HT66F0082
A/D Flash MCU with EEPROM
HIRC
P�es�ale�
fH
LIRC
Low Speed Os�illato�s
fH/�
fH/1�
fH/�4
fH/8
fH/4
fH/3�
HLCLK
CKS�~CKS0 �its
fSYS
fL
High Speed Os�illato�
LXT
Configu�ation Option
System Oscillator Configurations
Internal RC Oscillator – HIRC
TheinternalhighspeedRCoscillator,HIRC,isafullyintegratedsystemoscillatorrequiringno
externalcomponents.Theoscillatorcanbeselectedtobeeither8MHz,12MHzor16MHzvia
theConfigurationoption.Devicetrimmingduringthemanufacturingprocessandtheinclusionof
internalfrequencycompensationcircuitsareusedtoensurethattheinfluenceofthepowersupply
voltage,temperatureandprocessvariationsontheoscillationfrequencyareminimised.
Internal 32kHz Oscillator – LIRC
TheInternal32kHzSystemOscillatorisoneofthelowfrequencyoscillators.Itisafullyintegrated
RCoscillatorwithatypicalfrequencyof32kHzat5V,requiringnoexternalcomponentsforits
implementation.
External 32.768kHz Crystal Oscillator – LXT
TheExternal32.768kHzCrystalSystemOscillatorisoneofthelowfrequencyoscillatorchoices,
whichisselectedviaconfigurationoption.The32.768kHzCrystalOscillatoralsoincludesan
internalresistorandcapacitor,whichisalsoselectedviaconfigurationoption.Selectingthisoption
mayeliminatetheneedforexternalcomponentsC1,C2andRP.Inthiscaseitisonlyrequiredto
connecta32.768kHzcrystaltopinsXT1andXT2.
Whentheconfigurationselectstheexternalresistorandcapacitor,aftera32.768kHzcrystal
isconnectedbetweenpinsXT1andXT2,theexternalresistorandcapacitorcomponentsmay
benecessarytoprovideoscillation.Forapplicationswhereprecisefrequenciesareessential,
thesecomponentsmayberequiredtoprovidefrequencycompensationduetodifferentcrystal
manufacturingtolerances.Duringpower-upthereisatimedelayassociatedwiththeLXToscillator
waitingforittostart-up.
WhenthemicrocontrollerenterstheSLEEPorIDLEMode,thesystemclockisswitchedofftostop
microcontrolleractivityandtoconservepower.However,inmanymicrocontrollerapplications
itmaybenecessarytokeeptheinternaltimersoperationalevenwhenthemicrocontrollerisin
theSLEEPorIDLEMode.Todothis,anotherclock,independentofthesystemclock,mustbe
provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com