Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD310702ASCL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD310702ASCL
Description  PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD310702ASCL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD310702ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2017 Advanced Linear Devices, Inc., Vers. 1.1
www.aldinc.com
1 of 9
GENERAL DESCRIPTION
ALD310702A/ALD310702 high precision monolithic quad P-Channel
MOSFET arrays are matched at the factory using ALD's proven EPAD
®
CMOS technology. This device is available in a quad version and is a
member of the EPAD
®
Matched Pair MOSFET Family. The
ALD310702A/ALD310702 is a P-channel version of the popular
ALD110802A/ALD110802 Precision Threshold device. Together, these
two MOSFET series enable complementary precision N-Channel and P-
Channel MOSFET array based circuits.
Intended for low voltage and low power small signal applications, the
ALD310702A/ALD310702 features precision -0.20V Gate Threshold
Voltage, which enables circuit designs with very low operating voltages
such as < +0.5V power supplies where the circuits operate below the
threshold voltage of the ALD310702A/ALD310702. This feature also
enhances input/output signal operating ranges, especially in very low
operating voltage environments. With these low threshold precision
devices, a circuit with multiple cascading stages can be constructed to
operate at extremely low supply or bias voltage levels. ALD310702A/
ALD310702 also features high input impedance (2.5 x 1010Ω) and high
DC current gain (>108).
ALD310702A/ALD310702 MOSFETs are designed for exceptional
matching of device electrical characteristics. The Gate Threshold Voltage
VGS(th) is set precisely at -0.20V +/-0.02V, featuring a typical offset
voltage of only +/-0.001V (1mV). As these devices are on the same
monolithic chip, they also exhibit excellent temperature tracking
characteristics. They are versatile design components for a broad range
of precision analog applications such as basic building blocks for current
mirrors, matching circuits, current sources, differential amplifier input
stages, transmission gates, and multiplexers. These devices also excel
in limited operating voltage applications such as very low level precision
voltage-clamps. In addition to matched pair electrical characteristics,
each individual MOSFET exhibits individual well controlled manufacturing
characteristics, enabling the user to depend on tight design limits from
different production batches.
(Continued on next page)
APPLICATIONS
• 0.5% precision current mirrors and current sources
• Low Tempco (<= 50ppm/°C) current mirrors/sources
• Energy harvesting circuits
• Very low voltage analog and digital circuits
• Backup battery circuits & power failure detectors
• Precision low level voltage-clamps
• Low level zero-crossing detector
• Source followers and buffers
• Precision capacitive probes and sensor interfaces
• Precision charge detectors and charge integrators
• Discrete differential amplifier input stage
• Peak-detectors and level-shifters
• High-side switches and Sample-and-Hold switches
• Precision current multipliers
• Discrete analog switches / multiplexers
• Discrete voltage comparators
FEATURES & BENEFITS
• Precision matched Gate Threshold Voltages
• Precision offset voltages (VOS):
ALD310702A: 2mV max.
ALD310702: 10mV max.
• Sub-threshold voltage operation
• Low min. operating voltage of less than 0.2V
• Ultra low min. operating current of less than 1nA
• Nano-power operation
• Wide dynamic operating current ranges
• Exponential operating current ranges
• Matched transconductance and output conductance
• Matched and tracked temperature characteristics
• Tight lot-to-lot parametric control
• Positive, zero, and negative VGS(th) tempco bias currents
• Low input capacitance
• Low input/output leakage currents
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
*Contact factory for industrial temp. range or user-specified threshold voltage values.
Operating Temperature Range *
0°C to +70°C
16-Pin SOIC Package
16-Pin Plastic Dip Package
ALD310702ASCL
ALD310702APCL
ALD310702SCL
ALD310702PCL
PIN CONFIGURATION
ALD310702
*IC pins are internally connected, connect to V-
SCL, PCL PACKAGES
BLOCK DIAGRAM
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
ALD310702A/ALD310702
DP2
GP2
SP2
GP3
SP3
GP1
SP1
DP4
GP4
2
3
4
5
6
7
8
9
10
11
12
13
14
DP1
V+
V-
DP3
SP4
1
15
16
IC1*
IC2*
M1
M2
M4
M3
DP1 (2)
DP2 (15)
GP1 (3)
SP1 (4)
SP2 (13)
V+ (12)
GP2 (14)
DP3 (11)
DP4 (6)
SP3 (9)
SP4 (8)
~
V- (5)
V+ (12)
GP4 (7)
IC1 (1)
V-
IC2 (16)
GP3 (10)
V-
VGS(th)= -0.20V
PRECISION P-CHANNEL EPAD® MOSFET ARRAY
QUAD NANOPOWER™ MATCHED PAIR


Similar Part No. - ALD310702ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD310702ASCL ALD-ALD310702ASCL Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
More results

Similar Description - ALD310702ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD210802 ALD-ALD210802 Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD212902 ALD-ALD212902 Datasheet
105Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
ALD212904 ALD-ALD212904 Datasheet
105Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310708 ALD-ALD310708 Datasheet
511Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ENHANCED MODE MATCHED PAIR
ALD210804 ALD-ALD210804 Datasheet
107Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD310702A ALD-ALD310702A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310704A ALD-ALD310704A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com