Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP60N06VLK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP60N06VLK
Description  60 V ??60 A ??N-channel Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N06VLK Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP60N06VLK Datasheet HTML 1Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 2Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 3Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 4Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 5Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 6Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 7Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 8Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NP60N06VLK
R07DS1339EJ0100 Rev.1.00
Page 4 of 7
Apr 8, 2016
Typical Characteristics
(TA = 25°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
50
100
150
200
TC - Case Temperature - °C
0
20
40
60
80
100
120
0
50
100
150
200
TC - Case Temperature - °C
FORWARD BIAS SAFE OPERATING AREA
0.01
0.1
1
10
100
1000
0.1
1
10
100
TC=25℃
Single Pulse
ID(pulse)=240A
ID(DC)=60A
Power Dissipation Limited
VDS - Drain to Source Voltage – V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Single pulse
Rth(ch-A) = 125°C/W
Rth(ch-C) = 1.43°C/W
PW - Pulse Width - s
100
μ
1 m
10 m
100 m
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com