Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS21V-R050540 Datasheet(PDF) 4 Page - Kemet Corporation

Part # SS21V-R050540
Description  SS Coils, SS21V Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS21V-R050540 Datasheet(HTML) 4 Page - Kemet Corporation

  SS21V-R050540 Datasheet HTML 1Page - Kemet Corporation SS21V-R050540 Datasheet HTML 2Page - Kemet Corporation SS21V-R050540 Datasheet HTML 3Page - Kemet Corporation SS21V-R050540 Datasheet HTML 4Page - Kemet Corporation SS21V-R050540 Datasheet HTML 5Page - Kemet Corporation SS21V-R050540 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0028_SS21V • 7/30/2015
AC Line Filters – SS Coils, SS21V Type
Frequency Characteristics
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderabilitybeforeuse.
Storage Condition
• Avoid storage in high temperature and high humidity environment, as such condition may deteriorate the solderability of external
electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate the
solderability of external electrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
AC Line Filters
47
Common mode
Numbering System
Series
Type (V: vertical, H: horizontal)
Core type (No marking : Standard core, R : high permeability core)
Rated current (0930 stands for 93.0A)
Inductance (0930 stands for 93.0mH)
SS 21V -
03 0930
� �
Frequency characteristic
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
180029
200024
220017
250015
300008
180029
200024
220017
250015
300008
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
030930
040520
050360
060220
070179
030930
040520
050360
060220
070179
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
080136
100098
110067
130044
150098
080136
100098
110067
130044
150098
R031380
R040770
R050540
R060330
R070260
R031380
R040770
R050540
R060330
R070260
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
R080200
R100146
R110100
R130066
R150057
R080200
R100146
R110100
R130066
R150057
R180044
R200036
R220026
R250023
R300013
R180044
R200036
R220026
R250023
R300013
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com