Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7M2126 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7M2126
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2126 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7M2126 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Rev. 1.20
4
June 17, 2016
HT7M2126/27/36/56/76
Light Sensing
Ifthereisanexternalcomponentsuchasaphototransistor,microsolarcellorCDSdeviceconnectedtotheFTS
pin,thePIRmoduleoutputfunctionwillbeenabledwhenthevoltageontheFTSpinisgreaterthan0.24×VDD.
Otherwise, the PIR module output function will be enabled in default.
Apull-highresistorwithavalueof680kΩisinternallyconnectedtotheFTSpininthePIRmodule.Ifthevoltage
ontheFTSpinisgreaterthan0.24×VDD as the internal pull�high resistor and external component are all taken into
account, the PIR module output function will be enabled. The voltage threshold to enable the PIR module output
functionisfixedas0.24×VDD in the Stand�alone mode. If the device is in the Network mode, the voltage threshold
canbeadjustedbyconfiguringtheLUMI[6:0]fieldintheHT7M21xxdeviceusingtheI2C interface.
Detection Range
WithregardtotheHT7M2126,thehorizontalviewangleis121°,thePitchAngleis77°andthedetectiondistance
has about 3.5~6 meters of visual range, as shown below.
Horizontal
TOP VIEW
Vertical
SIDE VIEW
HT7M21xx: Lenses FOV (Field of View)
In addition to the HT7M2126, the HT7M21xx series include the HT7M2136, the HT7M2156 and the HT7M2176,
etc.Differentmoduleswillsupportdifferentdetectiondistances(farorclose)aswellasdifferenthorizontaland
vertical viewing angles (narrow or wide).
Part Number
Viewing Angle H/V
Center Distance
Lens Color
HT7M2126
121° 77°
3.5 ~ 6 meters
Nature
HT7M2127
121° 77°
2.8 ~ 5 meters
Black
HT7M2136
91° 10°
5.5 ~ 8 meters
Nature
HT7M2156
10° 20°
8 ~ 12 meters
Nature
HT7M2176
86° 75°
5 ~ 7.5 meters
Nature
Absolute Maximum Ratings
Supply Voltage ..........................................................................................................................VSS�0.3V to VSS+6.0V
Input Voltage............................................................................................................................VSS�0.3V to VDD+0.3V
Storage Temperature ..............................................................................................................................-40˚C to80˚C
Operating Temperature ..........................................................................................................................-10˚Cto60˚C
IOL Total............................................................................................................................................................ 150mA
IOH Total........................................................................................................................................................... �100mA
Total Power Dissipation.................................................................................................................................. 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesatotherconditions
beyondthoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com