Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16D35B Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT16D35B
Description  RAM Mapping 28횞8 Constant Current LED Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16D35B Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT16D35B Datasheet HTML 28Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 29Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 30Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 31Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 32Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 33Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 34Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 35Page - Holtek Semiconductor Inc HT16D35B Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Rev. 1.00
32
January 12, 2017
HT16D35A/HT16D35B
COM Pin Control
ThiscommandisusedtosetuptheCOMpinoutputon/offstatus.Thiscommandparameterisvalidatedduringthe
Timing1periodofeachframewhenthecommandisset.
Command
R/W
Bit7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Def.
COM pin control
W
0
1
0
0
0
0
0
1
41h
W
C7
C6
C5
C4
C3
C2
C1
C0
00h
Note:1.C0~C7=“0”:COMpinoutputsareoff.
2.C0~C7=“1”:COMpinoutputsareon.
3.TheCOMscanfunctionisnotaffected.
ROW Pin Control
ThiscommandconsistsoffourconsecutivebytestosetuptheROWpinoutputon/offstatus.Thiscommand
parameterisvalidatedduringtheTiming1periodofeachframewhenthecommandisset.
Command
R/W
Bit7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Def.
ROW pin control
W
0
1
0
0
0
0
1
0
42h
W
R27
R26
R25
R24
R23
R22
R21
R20
00h
W
R19
R18
R17
R16
R15
R14
R13
R12
00h
W
R11
R10
R9
R8
R7
R6
R5
R4
00h
W
X
X
X
X
R3
R2
R1
R0
00h
Note:1.R0~R27=“0”:ROWpinoutputsareoff.
2.R0~R27=“1”:ROWpinoutputsareon.
3.ThedisplayRAMcontentsarenotchanged.
Example:Thesetupconditionsareshownasfollows.
Command
Setup Value
Notes
COM pin control (41h)
00111100b
Display window range (X-axis) set: COM2~COM5
ROW pin control (42h)
00001111b
Display window range (Y-axis) set: ROW4~ROW23
11111111b
11111111b
00000000b
Output
ROW
0
1
2
3
4
5
6
7
8
9
9 10 ..... → 20 21 22 23 24 25 26 27
COM0
COM1
COM2
Display window
COM3
COM4
COM5
COM6
COM7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com