Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F350 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT69F350
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F350 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT69F350 Datasheet HTML 49Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 50Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 51Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 52Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 53Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 54Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 55Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 56Page - Holtek Semiconductor Inc HT69F350 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 235 page
background image
Rev. 1.30
5�
�ove��e� 1�� �01�
Rev. 1.30
53
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Indirect Addressing Program Example 2
data .section at 01F0H ´data´
adres1 db ?
adres2 db ?
adres3 db ?
adres4 db ?
block db ?
code .section at 0 ´code´
org 00h
start:
mov a,04h
; setup size of block
mov block,a
mov a, 01h
; setup the memory sector
mov mp1h, a
mova,offsetadres1;AccumulatorloadedwithfirstRAMaddress
movmp1l,a;setupmemorypointerwithfirstRAMaddress
loop:
clrIAR1 ;clearthedataataddressdefinedbyMP1L
incmp1l ;incrementmemorypointerMP1L
sdz block
; check if last memory location has been cleared
jmp loop
continue:
Theimportantpointtonotehereisthatintheexampleshownabove,noreferenceismadetospecific
DataMemoryaddresses.
Direct Addressing Program Example using extended instructions
data .section ´data´
temp db ?
code .section at 0 ´code´
org 00h
start:
lmov a,[m]
; move [m] data to acc
lsub a, [m+1]
; compare [m] and [m+1] data
snz c
; [m]>[m+1]?
jmp continue
; no
lmov a, [m]
; yes, exchange [m] and [m+1] data
mov temp, a
lmov a, [m+1]
lmov [m], a
mov a, temp
lmov [m+1], a
continue:
Note:Here“m”isadatamemoryaddresslocatedinanydatamemorysectors.Forexample,
m=1F0H,itindicatesaddress0F0HinSector1.
Accumulator – ACC
TheAccumulatoriscentraltotheoperationofanymicrocontrollerandiscloselyrelatedwith
operationscarriedoutbytheALU.TheAccumulatoristheplacewhereallintermediateresults
fromtheALUarestored.WithouttheAccumulatoritwouldbenecessarytowritetheresultof
eachcalculationorlogicaloperationsuchasaddition,subtraction,shift,etc.,totheDataMemory
resultinginhigherprogrammingandtimingoverheads.Datatransferoperationsusuallyinvolve
thetemporarystoragefunctionoftheAccumulator;forexample,whentransferringdatabetween
oneuser-definedregisterandanother,itisnecessarytodothisbypassingthedatathroughthe
Accumulatorasnodirecttransferbetweentworegistersispermitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com