Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZM2MOK81FS Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZM2MOK81FS
Description  Ideal for indication light on hand held products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZM2MOK81FS Datasheet(HTML) 1 Page - SunLED Corporation

  XZM2MOK81FS Datasheet HTML 1Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 2Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 3Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 4Page - SunLED Corporation XZM2MOK81FS Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number: XZM2MOK81FS
2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
May 06,2015
XDSB8252 V3-X Layout: Maggie L.
P. 1/5
Features
● VersoLEDs: Versatile Solutions
● Ideal for indication light on hand held products
● Long life and robust package
● Standard Package: 2,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
Absolute Maximum Ratings
(TA=25°C)
M2MOK
(AlGaInP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PD
84
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.0039") unless otherwise noted.
3. Specifications are subject to change without notice.
M2MOK
(AlGaInP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.8
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
611*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
605*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
△
λ
17
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
27
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XZM2MOK81FS
Orange
AlGaInP
Water Clear
1600
500*
2190
647*
611*
110°
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.


Similar Part No. - XZM2MOK81FS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2MOK105S SUNLED-XZM2MOK105S Datasheet
323Kb / 5P
Ideal for indication light on hand held products
XZM2MOK45WT-9 SUNLED-XZM2MOK45WT-9 Datasheet
254Kb / 4P
Long life and robust package
XZM2MOK53W-8 SUNLED-XZM2MOK53W-8 Datasheet
245Kb / 4P
Ideal for indication light on hand held products
XZM2MOK56W SUNLED-XZM2MOK56W Datasheet
241Kb / 4P
Ideal for indication light on hand held products
XZM2MOK78W SUNLED-XZM2MOK78W Datasheet
317Kb / 4P
Ideal for indication light on hand held products
More results

Similar Description - XZM2MOK81FS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CYK78W SUNLED-XZM2CYK78W Datasheet
317Kb / 4P
Ideal for indication light on hand held products
XZM2CYK81FS SUNLED-XZM2CYK81FS Datasheet
278Kb / 5P
Ideal for indication light on hand held products
XZM2MOK53W-8 SUNLED-XZM2MOK53W-8 Datasheet
245Kb / 4P
Ideal for indication light on hand held products
XZM2MOK56W SUNLED-XZM2MOK56W Datasheet
241Kb / 4P
Ideal for indication light on hand held products
XZM2MOK105S SUNLED-XZM2MOK105S Datasheet
323Kb / 5P
Ideal for indication light on hand held products
XZBGRBBRMERK150W SUNLED-XZBGRBBRMERK150W Datasheet
291Kb / 4P
Ideal for indication light on hand held products
XZBGRBBRMER158W SUNLED-XZBGRBBRMER158W Datasheet
266Kb / 4P
Ideal for indication light on hand held products
XZCBD168W SUNLED-XZCBD168W Datasheet
228Kb / 4P
Ideal for indication light on hand held products
XZFBB168W SUNLED-XZFBB168W Datasheet
246Kb / 4P
Ideal for indication light on hand held products
XZVG168W SUNLED-XZVG168W Datasheet
245Kb / 4P
Ideal for indication light on hand held products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com