Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7340-2 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7340-2
Description  30V, 250mA TinyPowerTM LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7340-2 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7340-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7340-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev. 1.00
2
August 26, 2015
HT73xx-2
Block Diagram
Vref
Soft Start
VIN
GND
OUT
Pin Assignment
GND
VIN
OUT
1
23
73xx-2
VIN
NC
NC
GND
OUT
NC
NC
NC
HT73xx-2
8 SOP-A
(Exposed Pad)
SOT89-3
9
VIN
TO-92
GND VIN VOUT
1 23
73xx-2
1
2
3
4
8
7
6
5
Pin Descriptions
Pin No.
Pin Name
Pin Description
TO-92
SOT89-3
8SOP-EP
1
1
5
GND
Ground pin
2
2
8, 9
VIN
Input pin
3
3
1
OUT
Output pin
—
—
2, 3, 4, 6, 7
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com