Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7344-7 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7344-7
Description  30V, 250mA TinyPowerTM LDO with Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7344-7 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7344-7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7344-7 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Rev. 1.30
9
April 15, 2016
HT73xx-7
TestCondition:VIN=VOUT+2V,VCE=VIN,IOUT=10mA,CIN=10μF,COUT=10μFandTa=25ºC,unlessotherwisenoted.
Power On Response:
HT7333-7 (IOUT=0mA, TRISE=100ms)
Power On Response:
HT7350-7 (IOUT=0mA, TRISE=100ms)
Power Off Response:
HT7333-7 (IOUT=0mA, TFALL=100ms)
Power Off Response:
HT7350-7 (IOUT=0mA, TFALL=100ms)
Power On Response:
HT7333-7 (IOUT=250mA, TRISE=0.1ms)
Power On Response:
HT7350-7 (IOUT=250mA, TRISE=0.1ms)
Power Off Response:
HT7333-7 (IOUT=250mA, TFALL=0.1ms)
Power Off Response:
HT7350-7 (IOUT=250mA, TFALL=0.1ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com