Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USF5G48 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # USF5G48
Description  TOSHIBA THYRISTOR SILICON PLANAR TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

USF5G48 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  USF5G48 Datasheet HTML 1Page - Toshiba Semiconductor USF5G48 Datasheet HTML 2Page - Toshiba Semiconductor USF5G48 Datasheet HTML 3Page - Toshiba Semiconductor USF5G48 Datasheet HTML 4Page - Toshiba Semiconductor USF5G48 Datasheet HTML 5Page - Toshiba Semiconductor USF5G48 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SF5G48,SF5J48,USF5G48,USF5J48
2001-07-13
1
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G48,SF5J48,USF5G48,USF5J48
MEDIUM POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage : VDRM = 400, 600V
Repetitive Peak Reverse Voltage
: VRRM = 400, 600V
l Average On−State Current
: IT (AV) = 5A
l Gate Trigger Current
: IGT = 10mA Max.
Unit: mm
SF5G48·SF5J48
USF5G48·USF5J48
JEDEC
―
JEDEC
―
JEITA
―
JEITA
―
TOSHIBA
13−10J1B
TOSHIBA
13−10J2B
Weight: 1.7g
MARKING
F5G48
SF5G48, USF5G48
*1
MARK
F5J48
TYPE
NAME
SF5J48, USF5J48
*2


Similar Part No. - USF5G48

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
USF5G48 KERSEMI-USF5G48 Datasheet
904Kb / 5P
THYRISTOR SILICON PLANAR TYPE
More results

Similar Description - USF5G48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S6785G TOSHIBA-S6785G Datasheet
107Kb / 4P
TOSHIBA HIGH SPEED THYRISTOR SILICON PLANAR TYPE
SF0R5G43 TOSHIBA-SF0R5G43 Datasheet
244Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G41A TOSHIBA-SF5G41A Datasheet
238Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF10J48 TOSHIBA-SF10J48 Datasheet
232Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6992 TOSHIBA-S6992 Datasheet
132Kb / 4P
TOSHIBA Thyristor Silicon Planar Type
URSF05G49-1P TOSHIBA-URSF05G49-1P Datasheet
253Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
USF5G49 TOSHIBA-USF5G49 Datasheet
208Kb / 6P
TOSHIBA Thyristor Silicon Planar Type
S6A13 TOSHIBA-S6A13 Datasheet
137Kb / 4P
TOSHIBA Thyristor Silicon Planar Type
S6744 TOSHIBA-S6744 Datasheet
124Kb / 4P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF10G41A TOSHIBA-SF10G41A Datasheet
257Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com