Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM-012ST Datasheet(PDF) 1 Page - Rohm

Part # SIM-012ST
Description  High power chip sensor, side view type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-012ST Datasheet(HTML) 1 Page - Rohm

  SIM-012ST Datasheet HTML 1Page - Rohm SIM-012ST Datasheet HTML 2Page - Rohm SIM-012ST Datasheet HTML 3Page - Rohm SIM-012ST Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIM-012ST
Sensors
1/3
High power chip sensor, side view type
SIM-012ST
The SIM-012ST is ultra small size and high power ohip sensor. Original technology, original structure and original
Optical design enable to use Automatic moantinig machine, Reflow, ultra smallsize, High power.
Applications
Optical control equipment
Light source for remote control devices
Features
1) High power by
φ2 lenze.
2) Emitting pore can have 7time high power then
substruk type with parabola structure.
3) Ultra-compact surface mount package.
(3mmx3mmx2mm)
4) It is possible to do Refliw.
External dimensions (Units : mm)
1.Unspecified tolerance shall be
2-0.4
0.8
R1
0.25
3
Note
)
2.Dimension in parenthesis are show for
Internal connection diagram
+−0.2.
reference.
12
2
1
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
PD
IF
IFP∗
VR
Topr
Tstg
Limits
−30~+85
−40~+100
40
5
60
0.5
Unit
mA
V
mW
A
°C
°C
∗ Pulse width=0.1msec, duty ratio 1%
Forward current
Reverse voltage
power dissipation
Pulse forward current
Operating temperature
Storage temperature


Similar Part No. - SIM-012ST

ManufacturerPart #DatasheetDescription
logo
Rohm
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
High power chip sensor, side view type
SIM-012SB ROHM-SIM-012SB Datasheet
146Kb / 3P
High power Chip IR LED, side view type
SIM-012SB ROHM-SIM-012SB_10 Datasheet
146Kb / 3P
High power Chip IR LED, side view type
More results

Similar Description - SIM-012ST

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-20PB ROHM-RPM-20PB Datasheet
61Kb / 3P
Phototransistor, side view type
RPM-25PT ROHM-RPM-25PT Datasheet
61Kb / 3P
Phototransistor, side view type
SML-A12 ROHM-SML-A12 Datasheet
450Kb / 3P
High Brightness Type Side view chip LEDs
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
High power chip sensor, side view type
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
Standard Type Side view chip LEDs
SMLA13WB ROHM-SMLA13WB Datasheet
108Kb / 3P
Side View Chip LEDs High Brightness Type
SIM-012SB ROHM-SIM-012SB_10 Datasheet
146Kb / 3P
High power Chip IR LED, side view type
RPM-22PB ROHM-RPM-22PB_10 Datasheet
138Kb / 3P
Phototransistor, side view type
SML-A1 ROHM-SML-A1 Datasheet
1Mb / 4P
Side-view type
RPM-20PBM ROHM-RPM-20PBM Datasheet
75Kb / 4P
Phototransistor, side view type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com