Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2736ADA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2736ADA
Description  PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2736ADA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2736ADA Datasheet HTML 1Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 2Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 3Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 4Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 5Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 6Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 7Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 8Page - Advanced Linear Devices ALD2736ADA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 2.0
www.aldinc.com
1 of 9
GENERAL DESCRIPTION
The ALD2736A/ALD2736 is a precision dual low-cost high-slew-rate
high-performance ultra micropower monolithic CMOS operational am-
plifier intended for a broad range of analog applications using ±1V to
±5V dual power supply systems, as well as +2V to +10V battery
operated systems. All device characteristics are specified for +5V
single supply or ±2.5V dual supply systems. Typical supply current is
25µA per op amp at 5V supply voltage. It is manufactured with
Advanced Linear Devices' enhanced EPAD® silicon gate CMOS pro-
cess.
The ALD2736A/ALD2736 is designed to offer high performance for a
wide range of applications requiring very low power dissipation. It has
been developed specifically for the +5V single battery or ±1V to ±5V dual
battery user and offers the popular industry standard single operational
amplifier pin configuration.
Several important characteristics of the device make application easier
to implement at those voltages. First, the operational amplifier can
operate with rail to rail input and output voltages. This means the signal
input voltage and output voltage can be close to or equal to the positive
and negative supply voltages. This feature allows numerous analog
serial stages and flexibility in input signal bias levels. Second, the
device was designed to accommodate mixed applications where digital
and analog circuits may operate off the same power supply or battery.
Third, the output stage can typically drive up to 25pF capacitive and
20KΩ resistive loads.
These features, combined with extremely low input currents, high open
loop voltage gain of 100V/mV, useful bandwidth of 400KHz, a slew rate
of 0.17V/µs, low offset voltage and temperature drift, make the
ALD2736A/ALD2736 a versatile, micropower operational amplifier.
The ALD2736A/ALD2736, designed and fabricated with silicon gate
CMOS technology, offers on-chip offset voltage trimming, allowing the
device to be used without nulling in most applications.
It is also
designed to offer tolerance to over-voltage input spikes of 300mV
beyond supply rails, high open loop voltage gain, and robust operation
at temperature extremes. Additionally, robust design and rigorous
screening make this device especially suitable for operation in tempera-
ture-extreme environments and rugged conditions.
FEATURES & BENEFITS
• Typical 25µA supply current per amplifier
• All parameters specified for +5V single supply
or ± 2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required -- unity
gain stable
• Extremely low input bias currents -- 0.01pA
typical
• Ideal for high source impedance applications
• Dual power supplies ±1.0V to ±5.0V
• Single power supply +2.0V to +10.0V
• High voltage gain -- typically 100V/mV @
±2.5V (100dB)
• Drive as low as a 20KΩ load
• Output short circuit protected
• Unity gain bandwidth of 0.4MHz
• Slew rate of 0.17V/µs
• Ultra Micropower symmetrical
complementary output drive
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Biochemical probe interface
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Precision Sample and Hold amplifiers
• Active filters
• Picoammeter
• Current to voltage converter
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2736ASAL
ALD2736APAL
ALD2736ADA
ALD2736SAL
ALD2736PAL
ALD2736DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
e
EPAD
TM
®
N A
B L
E D
E
PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2736A/ALD2736
ADVANCED
LINEAR
DEVICES, INC.
PIN CONFIGURATION
TOP VIEW
SAL, PAL, DA PACKAGES
1
2
3
4
8
7
6
5
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B


Similar Part No. - ALD2736ADA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2731 ALD-ALD2731 Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731ADA ALD-ALD2731ADA Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731APA ALD-ALD2731APA Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731APAL ALD-ALD2731APAL Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2736ADA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com