Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2736DA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2736DA
Description  PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2736DA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2736DA Datasheet HTML 1Page - Advanced Linear Devices ALD2736DA Datasheet HTML 2Page - Advanced Linear Devices ALD2736DA Datasheet HTML 3Page - Advanced Linear Devices ALD2736DA Datasheet HTML 4Page - Advanced Linear Devices ALD2736DA Datasheet HTML 5Page - Advanced Linear Devices ALD2736DA Datasheet HTML 6Page - Advanced Linear Devices ALD2736DA Datasheet HTML 7Page - Advanced Linear Devices ALD2736DA Datasheet HTML 8Page - Advanced Linear Devices ALD2736DA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD2736A/ALD2736
Advanced Linear Devices
3 of 9
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
ALD2736A
ALD2736
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Input Offset Voltage
VOS
2.0
3.0
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Power Supply Rejection Ratio
PSRR
75
75
dB
RS ≤ 1MΩ
Common Mode Rejection Ratio
CMRR
83
83
dB
RS ≤ 1MΩ
Large Signal Voltage Gain
AV
50
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-2.40
-2.30
-2.40
-2.30
V
RL = 1MΩ
VO high
2.30
2.40
2.30
2.40
V
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
ALD2736A
ALD2736
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Power Supply Rejection Ratio
PSRR
70
70
dB
RS ≤ 1MΩ
Common Mode Rejection Ratio
CMRR
70
70
dB
RS ≤ 1MΩ
Large Signal Voltage Gain
AV
50
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-0.95
-0.9
-0.95
-0.9
V
RL = 1MΩ
VO high
0.9
0.95
0.9
0.95
Bandwidth
BW
0.3
0.3
MHz
Slew Rate
SR
0.17
0.17
V/µsAV = +1, CL = 50pF
TA = 25°C VS = ±1.0V unless otherwise specified
ALD2736A
ALD2736
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Rise time
tr
1.0
1.0
µsRL = 1MΩ
Overshoot Factor
20
20
%
RL = 1MΩ,
CL = 25pF
Settling Time
ts
10.0
10.0
µs
0.1%, AV = -1,
RL= 1MΩ,
CL = 25pF
TA = 25°C VS = ±2.5V unless otherwise specified (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com