Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD810021 Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD810021
Description  SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD810021 Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD810021 Datasheet HTML 1Page - Advanced Linear Devices ALD810021 Datasheet HTML 2Page - Advanced Linear Devices ALD810021 Datasheet HTML 3Page - Advanced Linear Devices ALD810021 Datasheet HTML 4Page - Advanced Linear Devices ALD810021 Datasheet HTML 5Page - Advanced Linear Devices ALD810021 Datasheet HTML 6Page - Advanced Linear Devices ALD810021 Datasheet HTML 7Page - Advanced Linear Devices ALD810021 Datasheet HTML 8Page - Advanced Linear Devices ALD810021 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ALD8100XX/ALD9100XX SUPERCAPACITOR
Advanced Linear Devices, Inc.
3 of 17
AUTO BALANCING (SAB) MOSFET ARRAY FAMILY
with temperature increase, which causes its IOUT to increase with
temperature as well. This current increase compensates for the
leakage current increase within the supercapacitor, reducing the
overall supercapacitor temperature leakage effect and preserving
charge balancing effectiveness. This temperature compensation
assumes that all supercapacitors and SAB MOSFETs operate in
the same temperature environments.
SAB MOSFET LIMITATIONS
During supercapacitor charging, consideration must be paid to limit
the rate of charging so that excessive voltage and current does not
build up across any two pins of the SAB MOSFETs, even momen-
tarily, to exceed their absolute maximum ratings in voltage, operat-
ing current, and power dissipation. In most cases though, this is
not an issue, as other design constraints elsewhere limit the rate of
charging or discharging of the supercapacitors. For many applica-
tions, no further action, other than checking the voltage and cur-
rent excursions, or including a simple current-limiting charging re-
sistor, is necessary.
For each SAB MOSFET, its V+ pin must be connected to the most
positive voltage and its V- and IC pins to the most negative voltage
within the package. SAB MOSFETs have numerous pins required
for its manufacturing process, which must be connected to the
supercapacitors when in use, for proper circuit operation. Multiple
packages can be cascaded for higher system voltages as long as
absolute maximum ratings are observed for each individual pack-
age.
Note that each Drain pin of a SAB MOSFET has an internal re-
verse biased diode to its Source pin, which can become forward-
biased if the Drain voltage should become negative relative to its
Source voltage. This forward-biased diode clamps the Drain volt-
age to limit the negative voltage relative to its Source voltage, and
is limited to a 80mA max. rated current between any two pins.
Each Gate pin also has a reverse biased diode to V-. When for-
ward biased, the maximum diode current must be within the abso-
lute maximum ratings. All other pins must have voltages within V+
and V- voltage limits. Standard ESD protection facilities and han-
dling procedures for static sensitive devices must also be followed
before the SAB MOSFETs are installed. Once the SAB MOSFET
is permanently connected to the supercapacitors, ESD concerns
are relieved because any extraneous electrostatic charge would
be absorbed by the supercapacitor and would not cause exessive
voltage increase.
EXTENDED TEMPERATURE RANGE OPERATION
SAB MOSFETs are built with solid state integrated circuit tehcnology.
They are available for operation over a wide temperature range,
with appropriate derating, screening and packaging. Standard com-
mercial grade devices are rated for operation at 0°C to +70°C.
Industrial temperature range (“I” suffix) units are rated for -40°C to
+85°C. Custom versions are also available for military temperature
ranges (“M” suffix), -55°C to +125°C.
MATCHING SAB™ MOSFETS TO SUPERCAPACITORS
Figure 1 shows a basic connection diagram of two SAB MOSFETs
connected across two supercapacitors, powered by a V+ power
supply with an external (or internal) resistor, with basic equations
of SAB MOSFET and supercapacitor voltages and currents.
The proess of selecting SAB MOSFETs to match specific models
of supercapacitors begins by analyzing the parameters and the re-
quirements of a given set of supercapacitors:
1) For better leakage current matching results, pick the same make
and model of supercapacitors to be connected in a series. If pos-
sible, select supercapacitors from the same production batch. (Note:
SAB MOSFETs are precisely set at the factory and specified such
that their unit-to-unit variation is not a concern.)
2) Determine the max. leakage current of each supercapacitor.
3) Determine the desired nominal operating voltage of the
supercapacitor.
4) Determine the maximum operating voltage rating of the
supercapacitor.
5) Calculate or measure the maximum leakage current of the
supercapacitor at its maximum rated operating voltage.
6) Determine the operating temperature range of the supercapacitor.
7) Determine any additional level of operating leakage current in
the system.
Next, determine the normalized IOUT of an SAB MOSFET at a pre-
selected VIN operating voltage.
For example, the ALD810025 has a rated Drain Current of 1µA at
applied VIN of 2.50V. If the desired normalized IOUT is 0.01µA,
then the ALD810025 would give a bias VIN voltage of approximately
2.3V at that current, which produces an equivalent ON resistance
of 2.3V/0.01µA ~= 230MΩ (using the rule of thumb: one decade of
IOUT change per 0.10V of VIN change).
FIGURE 1
V+
VSUPPLY
RSRC
VIN1
VIN2
IOUT1
IOUT2
Basic Equations:
V+ = VC1 + VC2 + RSRC (IC1 + IOUT1)
V+ = VC1 + VC2 + RSRC (IC2 + IOUT2)
VC1 = VIN1
VC2 = VIN2
IC1 + IOUT1 = IC2 + IOUT2
VSUPPLY = VC1 + VC2
+
-
+
-
VC1
VC2
IC1
IC2
+
-
+
-
ALD8100XX/ALD9100XX FAMILY GENERAL DESCRIPTION (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com