Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BLEA Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F11BLEA
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BLEA Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F11BLEA Datasheet HTML 9Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 10Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 11Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 12Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 13Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 14Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 15Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 16Page - Renesas Technology Corp R5F11BLEA Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 143 page
background image
RL78/G1F
1. OUTLINE
R01DS0246EJ0110 Rev. 1.10
Page 13 of 140
Aug 12, 2016
(2/2)
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not is issued by emulation with the in-circuit emulator or on-chip debug emulator.
Item
24-pin
32-pin
36-pin
48-pin
64-pin
R5F11B7x
(x = C, E)
R5F11BBx
(x = C, E)
R5F11BCx
(x = C, E)
R5F11BGx
(x = C, E)
R5F11BLx
(x = C, E)
Clock output/buzzer output
2
2
2
2
2
• 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz
(Main system clock: fMAIN = 20 MHz operation)
8/10-bit resolution A/D converter
8 channels
13 channels
15 channels
17 channels
17 channels
8-bit D/A converter
1 channel
2 channels
Comparator
2 channels
Programmable gain amplifier (PGA)
1 channel
Serial interface
[24-pin, 32-pin, 36-pin products]
• CSI: 1 channel/UART (UART supporting LIN-bus): 1 channel/simplified I2C: 1 channel
• CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel
• CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel
[48-pin products]
• CSI: 2 channels/UART (UART supporting LIN-bus): 1 channel/simplified I2C:2 channels
• CSI: 1 channel/UART: 1 channel/simplified I2C: 1 channel
• CSI: 2 channels/UART: 1 channel/simplified I2C: 2 channels
[64-pin products]
• CSI: 2 channels/UART (UART supporting LIN-bus): 1 channel/simplified I2C: 2 channels
• CSI: 2 channels/UART: 1 channel/simplified I2C: 2 channels
• CSI: 2 channels/UART: 1 channel/simplified I2C: 2 channels
I2C bus
1 channel
1 channel
1 channel
1 channel
1 channel
Data transfer controller (DTC)
30 sources
32 sources
31 sources
32 sources
33 sources
Event link controller
(ELC)
Event input
21
21
21
22
22
Event trigger output
9
10
101010
Vectored interrupt
sources
Internal
25
25
25
25
25
External
9
11
101213
Key interrupt
———
6
8
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Internal reset by power-on-reset
• Internal reset by voltage detector
• Internal reset by illegal instruction execution Note
• Internal reset by RAM parity error
• Internal reset by illegal-memory access
Power-on-reset circuit
• Power-on-reset:
1.51 ±0.04 V (TA =
−40 to +85°C)
1.51 ±0.06 V (TA =
−40 to +105°C)
• Power-down-reset: 1.50 ±0.04 V (TA =
−40 to +85°C)
1.50 ±0.06 V (TA =
−40 to +105°C)
Voltage detector
[TA =
−40 to +85°C]
• Rising edge: 1.67 ±0.03 V to 4.00 ±0.08 V (14 stages)
• Falling edge: 1.63 ±0.03 V to 3.98 ±0.08 V (14 stages)
[TA =
−40 to +105°C (G: Industrial applications)]
• Rising edge: 2.61 ±0.1 V to 4.06 ±0.16 V (8 stages)
• Falling edge: 2.55 ±0.1 V to 3.98 ±0.15 V (8 stages)
On-chip debug function
Provided
Power supply voltage
VDD = 1.6 to 5.5 V (TA =
−40 to +85°C)
VDD = 2.4 to 5.5 V (TA =
−40 to +105°C)
Operating ambient temperature
TA =
−40 to +85°C (A: Consumer applications), TA = −40 to +105°C (Industrial applications),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com