Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100FC Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F100FC
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100FC Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F100FC Datasheet HTML 45Page - Renesas Technology Corp R5F100FC Datasheet HTML 46Page - Renesas Technology Corp R5F100FC Datasheet HTML 47Page - Renesas Technology Corp R5F100FC Datasheet HTML 48Page - Renesas Technology Corp R5F100FC Datasheet HTML 49Page - Renesas Technology Corp R5F100FC Datasheet HTML 50Page - Renesas Technology Corp R5F100FC Datasheet HTML 51Page - Renesas Technology Corp R5F100FC Datasheet HTML 52Page - Renesas Technology Corp R5F100FC Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 202 page
background image
RL78/G13
1. OUTLINE
Page 49 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
3.
The number of PWM outputs varies depending on the setting of channels in use (the number of
masters and slaves) (see 6.9.3 Operation as multiple PWM output function in the RL78/G13 User’s
Manual).
4.
When setting to PIOR = 1
(2/2)
20-pin
24-pin
25-pin
30-pin
32-pin
36-pin
Item
1
1
2
2
2
Clock output/buzzer output
 2.44 kHz, 4.88 kHz, 9.76 kHz, 1.25 MHz, 2.5 MHz, 5 MHz, 10 MHz
(Main system clock: fMAIN = 20 MHz operation)
8/10-bit resolution A/D converter
6 channels
6 channels
6 channels
8 channels
8 channels
8 channels
Serial interface
[20-pin, 24-pin, 25-pin products]
 CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
 CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
[30-pin, 32-pin products]
 CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
 CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
 CSI: 1 channel/simplified I2C: 1 channel/UART (UART supporting LIN-bus): 1 channel
[36-pin products]
 CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
 CSI: 1 channel/simplified I2C: 1 channel/UART: 1 channel
 CSI: 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-bus): 1 channel
I
2C bus
1 channel
1 channel
1 channel
1 channel
1 channel
Multiplier and divider/multiply-
accumulator
 16 bits  16 bits = 32 bits (Unsigned or signed)
 32 bits  32 bits = 32 bits (Unsigned)
 16 bits  16 bits + 32 bits = 32 bits (Unsigned or signed)
DMA controller
2 channels
Internal
23
24
24
27
27
27
Vectored interrupt
sources
External
3
5
5
6
6
6
Key interrupt
Reset
 Reset by RESET pin
 Internal reset by watchdog timer
 Internal reset by power-on-reset
 Internal reset by voltage detector
 Internal reset by illegal instruction execution Note
 Internal reset by RAM parity error
 Internal reset by illegal-memory access
Power-on-reset circuit
 Power-on-reset:
1.51 V (TYP.)
 Power-down-reset: 1.50 V (TYP.)
Voltage detector
 Rising edge :
1.67 V to 4.06 V (14 stages)
 Falling edge :
1.63 V to 3.98 V (14 stages)
On-chip debug function
Provided
Power supply voltage
VDD = 1.6 to 5.5 V (T
A = -40 to +85°C)
V
DD = 2.4 to 5.5 V (TA = -40 to +105°C)
Operating ambient temperature
TA = 40 to +85°C (A: Consumer applications, D: Industrial applications )
TA = 40 to +105°C (G: Industrial applications)
Note
The illegal instruction is generated when instruction code FFH is executed.
Reset by the illegal instruction execution not issued by emulation with the in-circuit emulator or on-chip
debug emulator.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com