| Electronic Components Datasheet Search |
|
R5F101FD Datasheet(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F101FD Datasheet(HTML) 47 Page - Renesas Technology Corp |
|
47 / 202 page ![]() RL78/G13 1. OUTLINE Page 47 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 1.5.14 128-pin products SCK10/P04(SCK10/P80) SCK00/P10(SCK00/P55) PORT 1 P10 to P17 PORT 2 P20 to P27 8 PORT 3 P30 to P37 8 PORT 4 PORT 5 8 PORT 8 P40 to P47 8 P50 to P57 8 VOLTAGE REGULATOR REGC INTERRUPT CONTROL RAM POWER ON RESET/ VOLTAGE DETECTOR POR/LVD CONTROL RESET CONTROL SYSTEM CONTROL RESET X1/P121 X2/EXCLK/P122 HIGH-SPEED ON-CHIP OSCILLATOR ON-CHIP DEBUG TOOL0/P40 SERIAL ARRAY UNIT0 (4ch) UART0 UART1 IIC00 RxD0/P11(RxD0/P16) TxD0/P12(TxD0/P17) RxD1/P03(RxD1/P81) TxD1/P02(TxD1/P82) SCL00/P10 SDA00/P11 TIMER ARRAY UNIT0 (8ch) ch2 TI02/TO02/P17 (TI02/TO02/P15) ch3 TI03/TO03/P31 (TI03/TO03/P14) ch0 ch1 ch4 TI04/TO04/P42 (TI04/TO04/P13) ch5 TI05/TO05/P46 (TI05/TO05/P12) ch6 TI06/TO06/P102 (TI06/TO06/P11) ch7 INTP8/P74 (INTP8/P86), INTP9/P75 (INTP9/P87) 2 2 INTP0/P137 INTP3/P30 (INTP3/P57), INTP4/P31 (INTP4/P146) INTP6/P140 (INTP6/P84), INTP7/P141 (INTP7/P85) INTP1/P46 (INTP1/P56), INTP2/P47 RxD2/P14 (RxD2/P76) CSI10 SO10/P02(SO10/P82) SI10/P03(SI10/P81) A/D CONVERTER 8 ANI0/P20 to ANI7/P27 AVREFP/P20 AVREFM/P21 PORT 9 CSI11 SCK11/P95 SO11/P97 SI11/P96 IIC01 SCL01/P43 SDA01/P44 IIC10 SCL10/P04(SCL10/P80) SDA10/P03(SDA10/P81) IIC11 SCL11/P95 SDA11/P96 TI07/TO07/P145 (TI07/TO07/P10) TI00/P00 TO00/P01 SO00/P12(SO00/P17) SI00/P11(SI00/P16) CSI00 VSS, EVSS0, EVSS1 TOOLRxD/P11, TOOLTxD/P12 VDD, EVDD0, EVDD1 2 2 2 INTP5/P16 (INTP5/P12) XT1/P123 XT2/EXCLKS/P124 PORT 0 P00 to P07 8 KEY RETURN 8 KR0/P70 to KR7/P77 11 ANI16/P03, ANI17/P02, ANI18/P147, ANI19/P120, ANI20/P100, ANI21/37, ANI22/P36, ANI23/P35, ANI24/P117, ANI25/P116, ANI26/P115 SCK01/P43 SO01/P45 SI01/P44 CSI01 PORT 6 PORT 7 P70 to P77 8 P60 to P67 8 PORT 10 P100 to P106 7 TI01/TO01/P16 RxD2/P14 (RxD2/P76) 7 ANI8/P150 to ANI14/P156 PORT 11 P110 to P117 8 PORT 12 P121 to P124 4 P120, P125 to P127 PORT 13 P130 P137 PORT 14 P140 to P147 8 4 PORT 15 P150 to P156 7 P90 to P97 8 P80 to P87 8 SERIAL ARRAY UNIT1 (4ch) UART3 IIC20 RxD2/P14(RxD2/P76) TxD2/P13(TxD2/P77) RxD3/P143 TxD3/P144 SCL20/P15 SDA20/P14 CSI30 SCK30/P142 SO30/P144 SI30/P143 CSI31 SCK31/P54 SO31/P52 SI31/P53 IIC21 SCL21/P70 SDA21/P71 IIC30 SCL30/P142 SDA30/P143 IIC31 SCL31/P54 SDA31/P53 SCK20/P15 SO20/P13 SI20/P14 CSI20 SCK21/P70 SO21/P72 SI21/P71 CSI21 UART2 LINSEL TIMER ARRAY UNIT1 (8ch) ch2 ch3 ch0 ch1 ch4 ch5 ch6 ch7 TI12/TO12/P66 TI13/TO13/P67 TI14/TO14/P103 TI15/TO15/P104 TI16/TO16/P105 TI17/TO17/P106 TI11/TO11/P65 TI10/TO10/P64 WINDOW WATCHDOG TIMER BCD ADJUSTMENT SERIAL INTERFACE IICA0 SDAA0/P61(SDAA0/P13) SCLA0/P60(SCLA0/P14) MULTIPLIER& DIVIDER, MULITIPLY- ACCUMULATOR BUZZER OUTPUT PCLBUZ0/P140 (PCLBUZ0/P31), PCLBUZ1/P141 (PCLBUZ1/P55) CLOCK OUTPUT CONTROL DIRECT MEMORY ACCESS CONTROL RTC1HZ/P30 SERIAL INTERFACE IICA1 SDAA1/P63 SCLA1/P62 REAL-TIME CLOCK RL78 CPU CORE CODE FLASH MEMORY DATA FLASH MEMORY 2 INTP10/P76 (INTP10/P110), INTP11/P77 (INTP11/P111) CRC LOW-SPEED ON-CHIP OSCILLATOR 12-BIT INTERVAL TIMER Remark Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the RL78/G13 User’s Manual. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |