Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10RFAA Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F10RFAA
Description  Ultra-Low Power Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFAA Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F10RFAA Datasheet HTML 17Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 18Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 19Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 20Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 21Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 22Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 23Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 24Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (A, G: TA = -40 to +85
°C)
R01DS0157EJ0210 Rev.2.10
Sep 30, 2016
Page 21 of 131
Absolute Maximum Ratings (TA = 25
°C)
(2/3)
Parameter
Symbols
Conditions
Ratings
Unit
LCD voltage
VL1
VL1 voltage
Note 1
−0.3 to +2.8
and
−0.3 to VL4 + 0.3
V
VL2
VL2 voltage
Note 1
−0.3 to VL4 + 0.3
Note 2
V
VL3
VL3 voltage
Note 1
−0.3 to VL4 + 0.3
Note 2
V
VL4
VL4 voltage
Note 1
−0.3 to +6.5
V
VLCAP
CAPL, CAPH voltage
Note 1
−0.3 to VL4 + 0.3
Note 2
V
VLOUT
COM0 to COM7,
SEG0 to
SEG38,
output voltage
External resistance division
method
−0.3 to VDD + 0.3
Note 2
V
Capacitor split method
−0.3 to VDD + 0.3
Note 2
Internal voltage boosting method
−0.3 to VL4 + 0.3
Note 2
Notes 1.
This value only indicates the absolute maximum ratings when applying voltage to the VL1, VL2, VL3,
and VL4 pins; it does not mean that applying voltage to these pins is recommended. When using
the internal voltage boosting method or capacitance split method, connect these pins to VSS via a
capacitor (0.47
μ F ± 30%) and connect a capacitor (0.47 μ F ± 30%) between the CAPL and CAPH
pins.
2.
Must be 6.5 V or lower.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remark VSS : Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com