Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101CE Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F101CE
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CE Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F101CE Datasheet HTML 93Page - Renesas Technology Corp R5F101CE Datasheet HTML 94Page - Renesas Technology Corp R5F101CE Datasheet HTML 95Page - Renesas Technology Corp R5F101CE Datasheet HTML 96Page - Renesas Technology Corp R5F101CE Datasheet HTML 97Page - Renesas Technology Corp R5F101CE Datasheet HTML 98Page - Renesas Technology Corp R5F101CE Datasheet HTML 99Page - Renesas Technology Corp R5F101CE Datasheet HTML 100Page - Renesas Technology Corp R5F101CE Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 97 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(8) Communication at different potential (1.8 V, 2.5 V, 3 V) (CSI mode) (master mode, SCKp... internal clock output)
(1/3)
(TA =
40 to +85C, 1.8 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Parameter
Symbol
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Unit
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
300
1150
1150
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
500
1150
1150
ns
SCKp cycle
time
tKCY1
tKCY1
 4/fCLK
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V Note,
Cb = 30 pF, Rb = 5.5 k
1150
1150
1150
ns
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
tKCY1/2
75
tKCY1/2
75
tKCY1/2
75
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
tKCY1/2
170
tKCY1/2
170
tKCY1/2
170
ns
SCKp high-level
width
tKH1
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V Note,
Cb = 30 pF, Rb = 5.5 k
tKCY1/2
458
tKCY1/2
458
tKCY1/2
458
ns
4.0 V
 EVDD0  5.5 V,
2.7 V
 Vb  4.0 V,
Cb = 30 pF, Rb = 1.4 k
tKCY1/2
12
tKCY1/2
50
tKCY1/2
50
ns
2.7 V
 EVDD0 < 4.0 V,
2.3 V
 Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
tKCY1/2
18
tKCY1/2
50
tKCY1/2
50
ns
SCKp low-level
width
tKL1
1.8 V
 EVDD0 < 3.3 V,
1.6 V
 Vb  2.0 V Note,
Cb = 30 pF, Rb = 5.5 k
tKCY1/2
50
tKCY1/2
50
tKCY1/2
50
ns
Note
Use it with EVDD0
 Vb.
Caution
Select the TTL input buffer for the SIp pin and the N-ch open drain output (VDD tolerance (When
20- to 52-pin products)/EVDD tolerance (When 64- to 128-pin products)) mode for the SOp pin and
SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg). For
VIH and VIL, see the DC characteristics with TTL input buffer selected.
(Remarks
are listed two pages after the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com