Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100FE Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R5F100FE
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100FE Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R5F100FE Datasheet HTML 50Page - Renesas Technology Corp R5F100FE Datasheet HTML 51Page - Renesas Technology Corp R5F100FE Datasheet HTML 52Page - Renesas Technology Corp R5F100FE Datasheet HTML 53Page - Renesas Technology Corp R5F100FE Datasheet HTML 54Page - Renesas Technology Corp R5F100FE Datasheet HTML 55Page - Renesas Technology Corp R5F100FE Datasheet HTML 56Page - Renesas Technology Corp R5F100FE Datasheet HTML 57Page - Renesas Technology Corp R5F100FE Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 54 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
This chapter describes the following electrical specifications.
Target products A: Consumer applications TA = −40 to +85°C
R5F100xxAxx, R5F101xxAxx
D: Industrial applications TA = −40 to +85°C
R5F100xxDxx, R5F101xxDxx
G: Industrial applications when TA = −40 to +105°C products is used in the range of TA = −40 to
+85°C
R5F100xxGxx
Cautions 1.
The RL78 microcontrollers have an on-chip debug function, which is provided for
development and evaluation. Do not use the on-chip debug function in products
designated for mass production, because the guaranteed number of rewritable times of the
flash memory may be exceeded when this function is used, and product reliability therefore
cannot be guaranteed. Renesas Electronics is not liable for problems occurring when the
on-chip debug function is used.
2.
With products not provided with an EVDD0, EVDD1, EVSS0, or EVSS1 pin, replace EVDD0 and EVDD1
with VDD, or replace EVSS0 and EVSS1 with VSS.
3.
The pins mounted depend on the product. Refer to 2.1 Port Function to 2.2.1 Functions for
each product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com