Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101CF Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R5F101CF
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CF Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R5F101CF Datasheet HTML 79Page - Renesas Technology Corp R5F101CF Datasheet HTML 80Page - Renesas Technology Corp R5F101CF Datasheet HTML 81Page - Renesas Technology Corp R5F101CF Datasheet HTML 82Page - Renesas Technology Corp R5F101CF Datasheet HTML 83Page - Renesas Technology Corp R5F101CF Datasheet HTML 84Page - Renesas Technology Corp R5F101CF Datasheet HTML 85Page - Renesas Technology Corp R5F101CF Datasheet HTML 86Page - Renesas Technology Corp R5F101CF Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 83 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(2) During communication at same potential (CSI mode) (master mode, SCKp... internal clock output,
corresponding CSI00 only)
(TA =
40 to +85C, 2.7 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Parameter
Symbol
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Unit
4.0 V
 EVDD0  5.5 V 62.5
250
500
ns
SCKp cycle time
tKCY1
tKCY1
 2/fCLK
2.7 V
 EVDD0  5.5 V 83.3
250
500
ns
4.0 V
 EVDD0  5.5 V
tKCY1/2
7
tKCY1/2
50
tKCY1/2
50
ns
SCKp high-/low-level
width
tKH1,
tKL1
2.7 V
 EVDD0  5.5 V
tKCY1/2
10
tKCY1/2
50
tKCY1/2
50
ns
4.0 V
 EVDD0  5.5 V
23
110
110
ns
SIp setup time (to SCKp
)
Note 1
tSIK1
2.7 V
 EVDD0  5.5 V
33
110
110
ns
SIp hold time (from
SCKp
) Note 2
tKSI1
2.7 V
 EVDD0  5.5 V
10
10
10
ns
Delay time from SCKp
 to
SOp output
Note 3
tKSO1
C = 20 pF
Note 4
10
10
10
ns
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to
SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from
SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output
becomes “from SCKp
” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4. C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and
SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1.
This value is valid only when CSI00’s peripheral I/O redirect function is not used.
2.
p: CSI number (p = 00), m: Unit number (m = 0), n: Channel number (n = 0),
g: PIM and POM numbers (g = 1)
3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com