Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7A6005 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7A6005
Description  Low Power, Wide Temperature Range General Purpose Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A6005 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7A6005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7A6005 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Rev. 1.10
7
July 17, 2013
HT7A6005
GD
VCC
MF
CS
COMP/FB
GND
RT
VREF
2.2K
0.1uF
470uF/50V
10
1N4148
20
0.22
10K
IRF540
0.22
1nF
470K
33pF
HFB20HJ20C
0.1uF/100V
46uH
470uF
/63V
820
220pF
Vo=55V/75W
VIN=24V
Rs
Output
Channels
Figure 9. DC-DC Boost Constant Current (CC) LED Driver for Back-light
GD
VCC
MF
CS
COMP/FB
GND
RT
VREF
VIN
470uF/50V
Dimming
RT
RS
C1
Q1
D1
L1
Figure 10. Buck Constant Current LED Lighting Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com