Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7L4813 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7L4813
Description  Non-isolation Buck LED Lighting Driver with Active PFC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4813 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7L4813 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4813 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev. 1.00
6
June 26, 2015
HT7L4813
HT7L4813
Preliminary
Functional Description
The HT7L4813 is a universal AC/DC LED driver
designed for LED lighting applications. The device
can achieve high Power Factor values without
resorting to additional circuits and can also generate
high accuracy LED drive currents with very few
external components. Separate grounds are provided.
One is a floating ground for the device while the other
is the earth terminal. Users should be aware that the
two grounds cannot be directly connected together to
avoid IC damage and system malfunction.
Start-up Current
A very low start-up current, ISTART, allows the users to
select a larger value of start-up resistor which reduces
power dissipation.
VCC Under Voltage Lockout – UVLO
The device includes a UVLO feature which has 8V
hysteresis. The PWM controller turns on when VCC
is higher than 18V and turns off when VCC is lower
than 10V. The hysteresis characteristics guarantee
that the device can be powered by an input capacitor
during start-up. When the output voltage increases to a
certain value after start-up, VCC will be charged by an
output through an auxiliary winding or a Zener Diode.
VZ=VLED - VCC.
Boundary Conduction Mode – BCM
The power MOSFET is turned on by inductor current
zero-crossing detection. The current zero-crossing
can be detected by a ZCD voltage. When the inductor
current is at the zero crossing point, the voltage on the
ZCD pin will drop rapidly. The device then detects
the falling edge and turns on the internal power
MOSFET. The boundary conduction mode provides
for low turn-on switching losses and high conversion
efficiency.
Zero Current Detection – ZCD
The ZCD voltage is designed to operate between 0V
and 3V for normal operation. If the voltage on the
ZCD pin goes higher than 1.5V, the ZCD comparator
waits until the voltage goes below 1V. When the
inductor current is at the zero crossing point, the
voltage on the ZCD pin will drop rapidly. The device
will then detect the 1V falling edge and turn on the
Power MOSFET. The 0.5V hysteresis avoids any false
triggering actions due to noise.
Constant Current Control
The HT7L4813 will sense the overall inductor
current and form a closed-loop with an internal error
amplifier to obtain high constant current accuracy.
The CS voltage and the 0.2V reference voltage form
the inputs to an internal Gm amplifier whose output
is integrated via an external COMP capacitor. The
ON time of the MOSFET is controlled by the COMP
voltage to adjust the output current.
LEB on CS – Leading-Edge Blanking
Each time the internal power MOSFET is switched
on, a turn-on spike will inevitably occur at the sense
resistor. To avoid faulty triggering, a 400ns leading-
edge blank time is generated. As this function is
provided conventional RC filtering is therefore
unnecessary. During this blanking period, the current-
limit comparator is disabled and can therefore not
switch off the gate driver.
OVP on VCC – Over Voltage Protection
In order to prevent PWM controller damage, the
device includes an OVP function on VCC. Should
the VCC voltage be higher than the OVP threshold
voltage of 29V, the PWM controller will stop
operating immediately. When the VCC voltage
decreases below the UVLO off level, the controller
will reset.
LED Open Protection – ZCD OVP
The LED voltage is reflected on the ZCD pin
through a resistor RZCD. When the current on the
resistor RZCD is higher than 300μA, then ZCD OVP
protection will take place. Here the PWM controller
will stop operating immediately. When the VCC
voltage decreases below the UVLO off level, the
controller will reset.
VOVP-ZCD can be set using the following equation:
VOVP-ZCD = VZCDH+IOVP×RZCD
VZCDH is the 3V upper clamp voltage on the ZCD
pin. IOVP represents the OVP current level on the ZCD
pin which is 300μA. RZCD stands for the resistor con-
nected between the ZCD pin and the LED positive
terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com