Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7463A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7463A
Description  52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7463A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7463A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Rev. 1.11
3
August 12, 2016
HT7463A/HT7463B
Pin Descpription
Pin Order
Name
Type
Pin Discpription
1
CB
I/O
SW FET gate bias voltage. Connect the boot capacitor between CB and SW
2
GND
G
Ground terminal
3
FB
I
Feedback pin: Set feedback voltage divider ratio with VOUT = VFB (1+(R1/R2))
4
EN
I
Logic level shutdown pin. Internal pull low resistor
5
VIN
P
Power supply
6
SW
O
Power FET output
Absolute Maximum Ratings
Parameter
Value
Unit
VIN and SW
-0.3 to +55
V
EN
-0.3 to (VIN+0.3)
V
CB above SW voltage
+5.5
V
FB
-0.3 to +5.0
V
Operating Temperature Range
-40 to +85
°C
Maximum Junction Temperature
+150
°C
Storage Temperature Range
-65 to +160
°C
Lead Temperature (Soldering 10sec)
+300
°C
ESD Susceptibility
Human Body Model
2000
V
Machine Model
200
V
Junction-to-Ambient Thermal Resistance, θJA
220
°C/W
Junction-to-Case Thermal Resistance, θJC
110
°C/W
Recommended Operating Range
Parameter
Value
Unit
VIN
4.5 to 52
V
SW and EN
Up to 52
V
NotethatAbsoluteMaximumRatingsindicatelimitationsbeyondwhichdamagetothedevicemayoccur.
RecommendedOperatingRatingsindicateconditionsforwhichthedeviceisintendedtobefunctional,butdonot
guaranteespecifiedperformancelimits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com