Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7727S Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT7727S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7727S Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT7727S Datasheet HTML 17Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 18Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 19Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 20Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 21Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 22Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 23Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 24Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 25Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Rev. 1.50
21
June 25, 2016
HT77xxS
3-pin SOT23 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
—
0.057
A1
—
—
0.006
A2
0.035
0.045
0.051
b
0.012
—
0.020
C
0.003
—
0.009
D
—
0.114 BSC
—
E
—
0.063 BSC
—
e
—
0.037 BSC
—
e1
—
0.075 BSC
—
H
—
0.110 BSC
—
L1
—
0.024 BSC
—
θ
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
—
1.45
A1
—
—
0.15
A2
0.90
1.15
1.30
b
0.30
—
0.50
C
0.08
—
0.22
D
—
2.90 BSC
—
E
—
1.60 BSC
—
e
—
0.95 BSC
—
e1
—
1.90 BSC
—
H
—
2.80 BSC
—
L1
—
0.60 BSC
—
θ
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com