Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7991 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7991
Description  Asynchronous Step-up PWM Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7991 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7991 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 1.20
3
June 01, 2017
HT7991
Pin Assignment
Top View
SOT23-6
7991
6
54
3
2
1
Pin Description
Pin Order
Name
Type
Pin Description
1
LX
O
Power switch output
2
GND
G
Ground terminal
3
FB
I
Error amplifier inverting input
4
EN
I
Enable control - High active
5
VIN
P
Power supply input
6
OC
I
Adjustment current limit via an external resistor to ground
Absolute Maximum Ratings
Parameter
Value
Unit
VIN
-0.3 to +6
V
LX
-0.3 to +17
V
Other Pins
+6
V
Power Dissipation
455
mW
Maximum Junction Temperature
+150
°C
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering 10sec)
+260
°C
ESD Susceptibility
Human Body Model
2000
V
Machine Model
200
V
Junction-to-Ambient Thermal Resistance, θJA
220
°C/W
Recommended Operating Range
Parameter
Value
Unit
VIN
2.6 to 5.5
V
Operating Temperature Range
-40 to +85
°C
NotethatAbsoluteMaximumRatingsindicatelimitationsbeyondwhichdamagetothedevicemayoccur.
RecommendedOperatingRatingsindicateconditionsforwhichthedeviceisintendedtobefunctional,butdonot
guaranteespecifiedperformancelimits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com