Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1300 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1300
Description  300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1300 Datasheet(HTML) 1 Page - Microchip Technology

  TC1300 Datasheet HTML 1Page - Microchip Technology TC1300 Datasheet HTML 2Page - Microchip Technology TC1300 Datasheet HTML 3Page - Microchip Technology TC1300 Datasheet HTML 4Page - Microchip Technology TC1300 Datasheet HTML 5Page - Microchip Technology TC1300 Datasheet HTML 6Page - Microchip Technology TC1300 Datasheet HTML 7Page - Microchip Technology TC1300 Datasheet HTML 8Page - Microchip Technology TC1300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2002 Microchip Technology Inc.
DS21385C-page 1
M
Features
• LDO with Integrated Microcontroller Reset
Monitor Functionality
• Low Input Supply Current (80 µA, typical)
• Very Low Dropout Voltage
• 10 µsec (typ.) Wake-Up Time from SHDN
• 300 mA Output Current
• Standard or Custom Output and Detected
Voltages
• Power-Saving Shutdown Mode
• Bypass Input for Quiet Operation
• Separate Input for Detected Voltage
• 140 msec Minimum RESET Output Duration
• Space-Saving MSOP Package
• Specified Junction Temperature Range:
-40°C to +125°C
Applications
• Battery-Operated Systems
• Portable Computers
• Medical Instruments
• Pagers
• Cellular / GSM / PHS Phones
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765.
• AN766, “Pin-Compatible CMOS Upgrades to
Bipolar LDOs”, DS00766.
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application”,
DS00792.
Package Type
General Description
The TC1300 combines a low dropout regulator and a
microcontroller reset monitor in an 8-Pin MSOP pack-
age. Total supply current is 80 µA (typical), 20 to 60
times lower than bipolar regulators.
The TC1300 has a precise output with a typical accu-
racy of ±0.5%. Other key features include low noise
operation, low dropout voltage and internal feed-
forward compensation for fast response to step
changes in load. The TC1300 has both over-tempera-
ture and over-current protection. When the shutdown
control (SHDN) is low, the regulator output voltage falls
to zero, RESET output remains valid and supply cur-
rent is reduced to 30 µA (typical). The TC1300 is rated
for 300 mA of output current and stable with a 1 µF out-
put capacitor.
An active-low RESET is asserted when the detected
voltage (VDET) falls below the reset voltage threshold.
The RESET output remains low for 300 msec (typical)
after VDET rises above reset threshold. The TC1300
also has a fast wake-up response time (10 µsec.,
typical) when released from shutdown.
Typical Application Circuit
1
2
3
4
V
IN
V
DET
5
6
7
8
NC
V
OUT
GND
Bypass
SHDN
RESET
TC1300VUA
MSOP
TC1300
1
2
3
4
5
6
7
8
VOUT
CBYPASS
470 pF
(Optional)
Shutdown Control
(from Power
Control Logic)
GND
Bypass
VIN
SHDN
VOUT
C1
1µF
RESET
RESET
VDET
NC
C2
1µF
Battery
VDET
TC1300
300 mA CMOS LDO with Shutdown, Bypass and
Independent Delayed Reset Function


Similar Part No. - TC1300

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
More results

Similar Description - TC1300

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
Microchip Technology
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com