Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX922IDT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSX922IDT
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IDT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSX922IDT Datasheet HTML 18Page - STMicroelectronics TSX922IDT Datasheet HTML 19Page - STMicroelectronics TSX922IDT Datasheet HTML 20Page - STMicroelectronics TSX922IDT Datasheet HTML 21Page - STMicroelectronics TSX922IDT Datasheet HTML 22Page - STMicroelectronics TSX922IDT Datasheet HTML 23Page - STMicroelectronics TSX922IDT Datasheet HTML 24Page - STMicroelectronics TSX922IDT Datasheet HTML 25Page - STMicroelectronics TSX922IDT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Application information
TSX920, TSX921, TSX922, TSX923
22/32
DocID024310 Rev 4
5.8
High-speed photodiode
The TSX92x series is an excellent choice for current to voltage (I-V) conversions. Due to
the CMOS technology, the input bias currents are extremely low. Moreover, the low noise
and high unity-gain bandwidth of the TSX92x operational amplifiers make them particularly
suitable for high-speed photodiode preamplifier applications.
The photodiode is considered as a capacitive current source. The input capacitance, CIN,
includes the parasitic input Common mode capacitance, CCM (3pF), and the input
differential mode capacitance, CDIFF (8pF). CIN acts in parallel with the intrinsic capacitance
of the photodiode, CD. At higher frequencies, the capacitors affect the circuit response. The
output capacitance of a current sensor has a strong effect on the stability of the op-amp
feedback loop.
CF stabilizes the gain and limits the transimpedance bandwidth. To ensure good stability
and to obtain good noise performance, CF can be set as shown in Equation 10.
Equation 10
where,
CIN = CCM + CDIFF = 11 pF
CDIFF is the differential input capacitance: 8 pF typical
CCM is the Common mode input capacitance: 3 pF typical
CD is the intrinsic capacitance of the photodiode
CSMR is the parasitic capacitance of the surface mount RF resistor: 0.2 pF typical
FGBP is the gain bandwidth product: 10 MHz at 16 V
RF fixes the gain as shown in Equation 11.
Equation 11
VOUT = RF x ID
Figure 42: High-speed photodiode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com