Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX9291ILT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSX9291ILT
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9291ILT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSX9291ILT Datasheet HTML 9Page - STMicroelectronics TSX9291ILT Datasheet HTML 10Page - STMicroelectronics TSX9291ILT Datasheet HTML 11Page - STMicroelectronics TSX9291ILT Datasheet HTML 12Page - STMicroelectronics TSX9291ILT Datasheet HTML 13Page - STMicroelectronics TSX9291ILT Datasheet HTML 14Page - STMicroelectronics TSX9291ILT Datasheet HTML 15Page - STMicroelectronics TSX9291ILT Datasheet HTML 16Page - STMicroelectronics TSX9291ILT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DocID024568 Rev 4
13/31
TSX9291, TSX9292
Electrical characteristics
31
Figure 14. Bode diagram vs. temperature for
VCC = 4 V
Figure 15. Bode diagram vs. temperature for
VCC = 10 V
1
10
100
1000
10000
-40
-20
0
20
40
-250
-200
-150
-100
-50
0
50
100
150
200
250
Frequency (kHz)
Gain
Phase
Vcc=4V, Vicm=2V, G=100
Rl=10kΩ, Cl=20pF, VRl=Vcc/2
T=125°C
T=-40°C
T=25°C
1
10
100
1000
10000
-40
-20
0
20
40
-250
-200
-150
-100
-50
0
50
100
150
200
250
Frequency (kHz)
Gain
Phase
Vcc=10V, Vicm=5V, G=100
Rl=10kΩ, Cl=20pF, VRl=Vcc/2
T=125°C
T=-40°C
T=25°C
Figure 16. Bode diagram vs. temperature for
VCC = 16 V
Figure 17. Bode diagram at VCC = 16 V with low
common mode voltage
1
10
100
1000
10000
-40
-20
0
20
40
-250
-200
-150
-100
-50
0
50
100
150
200
250
Frequency (kHz)
Gain
Phase
Vcc=16V, Vicm=8V, G=100
Rl=10kΩ, Cl=20pF, Vrl=Vcc/2
T=125°C
T=-40°C
T=25°C
1
10
100
1000
10000
-40
-20
0
20
40
-250
-200
-150
-100
-50
0
50
100
150
200
250
Frequency (kHz)
Gain
Phase
Vcc=16V, Vicm=0.5V, G=100
Rl=10kΩ, Cl=20pF, VRl=Vcc/2
T=125°C
T=-40°C
T=25°C
Figure 18. Bode diagram at VCC = 16 V with high
common mode voltage
Figure 19. Bode diagram at VCC = 16 V and
RL = 10 kΩ, CL = 47 pF
1
10
100
1000
10000
-40
-20
0
20
40
-250
-200
-150
-100
-50
0
50
100
150
200
250
Frequency (kHz)
Gain
Phase
Vcc=16V, Vicm=15.5V, G=100
Rl=10kΩ, Cl=20pF, VRl=Vcc/2
T=125°C
T=-40°C
T=25°C
1
10
100
1000
10000
-40
-20
0
20
40
-250
-200
-150
-100
-50
0
50
100
150
200
250
Frequency (kHz)
Gain
Phase
Vcc=16V, Vicm=8V, G=100
Rl=10kΩ, Cl=47pF, VRl=Vcc/2
T=125°C
T=-40°C
T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com