Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX9292IST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSX9292IST
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9292IST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSX9292IST Datasheet HTML 6Page - STMicroelectronics TSX9292IST Datasheet HTML 7Page - STMicroelectronics TSX9292IST Datasheet HTML 8Page - STMicroelectronics TSX9292IST Datasheet HTML 9Page - STMicroelectronics TSX9292IST Datasheet HTML 10Page - STMicroelectronics TSX9292IST Datasheet HTML 11Page - STMicroelectronics TSX9292IST Datasheet HTML 12Page - STMicroelectronics TSX9292IST Datasheet HTML 13Page - STMicroelectronics TSX9292IST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
TSX9291, TSX9292
10/31
DocID024568 Rev 4
Gain
Minimum gain for stability
Phase margin = 60 °
, Rg = Rf = 1 kΩ
RL = 10 kΩ, CL = 20 pF
-1
+2
SR+
Positive slew rate
Av = +1, Vout = 0.5 to 15.5 V
Measured between 10 % to 90 %
26
V/
μs
SR-
Negative slew rate
Av = +1, Vout = 15.5 to 0.5 V
Measured between 90 % to 10 %
27
en
Equivalent input noise
voltage
f = 10 kHz
f = 100 kHz
16.5
11.8
∫ en
Low-frequency peak-to-
peak input noise
Bandwidth: f = 0.1 to 10 Hz
8.58
µVpp
THD+N
Total harmonic distortion
+ Noise
f = 1 kHz, Av = +1,
RL= 10 kΩ, Vout = 4Vrms
0.0003
%
tS
Settling time
Gain = +1, 100 mV input voltage
0.1 % of final value
1 % of final value
245
178
ns
1. Typical value is based on the Vio drift observed after 1000h at 125°C extrapolated to 25°C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration. See Section 4.6:
Long-term input offset voltage drift.
2. When used in comparator mode, with high differential input voltage, during a long period of time with VCC close to 16V and
Vicm>VCC/2, Vio can experience a permanent drift of few mV drift. The phenomenon is particularly worsen at low
temperatures.
Table 6. Electrical characteristics at VCC+ = +16 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and
RL= 10 kΩ connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com