Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER16LN Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER16LN
Description  Fixed frequency VIPer™ plus family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16LN Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER16LN Datasheet HTML 16Page - STMicroelectronics VIPER16LN Datasheet HTML 17Page - STMicroelectronics VIPER16LN Datasheet HTML 18Page - STMicroelectronics VIPER16LN Datasheet HTML 19Page - STMicroelectronics VIPER16LN Datasheet HTML 20Page - STMicroelectronics VIPER16LN Datasheet HTML 21Page - STMicroelectronics VIPER16LN Datasheet HTML 22Page - STMicroelectronics VIPER16LN Datasheet HTML 23Page - STMicroelectronics VIPER16LN Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Automatic auto restart after overload or short-circuit
VIPER16
20/30
DocID15232 Rev 7
14
Automatic auto restart after overload or short-circuit
The overload protection is implemented in automatic way using the integrated up-down
counter. Every cycle, it is incremented or decremented depending if the current logic detects
the limit condition or not. The limit condition is the peak drain current, IDlim , reported on
Table 8 on page 9 or the one set by the user through the RLIM resistor, as reported in
Figure 13 on page 12. After the reset of the counter, if the peak drain current is continuously
equal to the level IDlim, the counter will be incremented till the fixed time, tOVL, after that will
be disabled the power MOSFET switch ON. It will be activated again, through the soft start,
after the tRESTART time, see the Figure 25 and Figure 26 on page 20 and the mentioned
time values on Table 8 on page 9.
In case of overload or short-circuit event, the power MOSFET switching will be stopped after
a time that depends from the counter and that can be as maximum equal to tOVL. The
protection will occur in the same way until the overload condition is removed, see Figure 25
and Figure 26 on page 20. This protection ensures restart attempts of the converter with low
repetition rate, so that it works safely with extremely low power throughput and avoiding the
IC overheating in case of repeated overload events. If the overload is removed before the
protection tripping, the counter will be decremented cycle by cycle down to zero and the IC
will not be stopped.
Figure 25. Timing diagram: OLP sequence (IC externally biased)
Figure 26. Timing diagram: OLP sequence (IC internally biased)
AM13270v1
time
time
VDD
VDDon
VDDCSon
IDRAIN
IDlim_bm
t1*
* The time t1 can be lower or equal to the time tOVL
tRESTART
tSS
tOVL
tRESTART
tSS
tOVL
tRESTART
tSS
SHORT CIRCUIT
OCCURS HERE
SHORT CIRCUIT
REMOVED HERE
AM13271v1
time
time
VDD
VDDon
VDDCSon
IDRAIN
IDlim_bm
t1*
* The time t1 can be lower than or equal to the time tOVL
tRESTART
tSS
tOVL
tRESTART
tSS
tOVL
tRESTART
tSS
SHORT CIRCUIT
OCCURS HERE
SHORT CIRCUIT
REMOVED HERE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com