Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER27LN Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER27LN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27LN Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER27LN Datasheet HTML 14Page - STMicroelectronics VIPER27LN Datasheet HTML 15Page - STMicroelectronics VIPER27LN Datasheet HTML 16Page - STMicroelectronics VIPER27LN Datasheet HTML 17Page - STMicroelectronics VIPER27LN Datasheet HTML 18Page - STMicroelectronics VIPER27LN Datasheet HTML 19Page - STMicroelectronics VIPER27LN Datasheet HTML 20Page - STMicroelectronics VIPER27LN Datasheet HTML 21Page - STMicroelectronics VIPER27LN Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Operation descriptions
VIPER27
18/31
Doc ID 15133 Rev 5
7.7
Current mode conversion with adjustable current limit set
point
The device is a current mode converter: the drain current is sensed and converted in voltage
that is applied to the non inverting pin of the PWM comparator. This voltage is compared
with the one on the feed-back pin through a voltage divider on cycle by cycle basis.
The VIPER27 has a default current limit value, IDlim, that the designer can adjust according
the electrical specification, by the RLIM resistor connected to the CONT see Figure 16 on
page 11.
The CONT pin has a minimum current sunk needed to activate the IDlim adjustment: without
RLIM or with high RLIM (i.e. 100 kΩ) the current limit is fixed to the default value (see IDlim,
Table 8 on page 7).
7.8
Overvoltage protection (OVP)
The VIPER27 has integrated the logic for the monitor of the output voltage using as input
signal the voltage VCONT during the OFF time of the power MOSFET. This is the time when
the voltage from the auxiliary winding tracks the output voltage, through the turn ratio
The CONT pin has to be connected to the auxiliary winding through the diode DOVP and the
resistors ROVP and RLIM as shows the Figure 27 on page 20 When, during the OFF time,
the voltage VCONT exceeds, four consecutive times, the reference voltage VOVP (see Table 8
on page 7) the overvoltage protection will stop the power MOSFET and the converter enters
the auto-restart mode.
In order to bypass the noise immediately after the turn off of the power MOSFET, the voltage
VCONT is sampled inside a short window after the time TSTROBE, see Table 8 on page 7 and
the
Figure 26 on page 19. The sampled signal, if higher than VOVP, trigger the internal OVP
digital signal and increments the internal counter. The same counter is reset every time the
signal OVP is not triggered in one oscillator cycle.
Referring to the
Figure 21, the resistors divider ratio kOVP will be given by:
Equation 2
Equation 3
N
AUX
N
SEC
--------------
k
OVP
V
OVP
N
AUX
N
SEC
--------------
V
OUTOVP
V
DSEC
+
() V
DAUX
–
⋅
---------------------------------------------------------------------------------------------------
=
k
OVP
R
LIM
R
LIM
R
OVP
+
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com