Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79718 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS79718
Description  ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79718 Datasheet(HTML) 3 Page - Texas Instruments

  TPS79718 Datasheet HTML 1Page - Texas Instruments TPS79718 Datasheet HTML 2Page - Texas Instruments TPS79718 Datasheet HTML 3Page - Texas Instruments TPS79718 Datasheet HTML 4Page - Texas Instruments TPS79718 Datasheet HTML 5Page - Texas Instruments TPS79718 Datasheet HTML 6Page - Texas Instruments TPS79718 Datasheet HTML 7Page - Texas Instruments TPS79718 Datasheet HTML 8Page - Texas Instruments TPS79718 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPS79718
TPS79730
TPS79733
SLVS332B – MARCH 2001 – REVISED JUNE 2001
3
www.ti.com
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, Co = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Input voltage (see Note 2)
IO = 3 mA
1.8
5.5
V
VI
Input voltage (see Note 2)
IO = 10 mA
2
5.5
V
IO
Continuous output current (see Note 3)
0
10
mA
TJ
Operating junction temperature, TJ
-40
85
°C
TPS79718
TA = 25°C,
2.8 V < VI < 5.5 V
1.8
V
TPS79718
TA = –40°C to 85°C,
2.8 V < VI < 5.5 V
1.728
1.872
V
Output voltage (10
µA to 10 mA Load)
TPS79730
TA = 25°C,
4 V < VI < 5.5 V
3.0
V
Out ut voltage (10
µA to 10 mA Load)
(see Note 4)
TPS79730
TA = –40°C to 85°C,
4 V < VI < 5.5 V
2.880
3.120
V
TPS79733
TA = 25°C,
4.3 V < VI < 5.5 V
3.3
V
TPS79733
TA = –40°C to 85°C,
4.3 V < VI < 5.5 V
3.168
3.432
V
Quiescent current (GND current) (see Note 4)
TA = 25°C,
0
µA < IO < 10 mA
1.2
A
Quiescent current (GND current) (see Note 4)
TA = –40°C to 85°C,
IO = 10 mA
2
µA
Load regulation
TA = 25°C,
IO = 1 µA to 10 mA
17
mV
Output voltage line regulation (
∆V/V
(see Note 4)
VO + 1 V < VI ≤ 5.5 V, TA = 25°C
0.15
%/V
Output voltage line regulation (
∆VO/VO) (see Note 4)
VO + 1 V < VI ≤ 5.5 V, TA = –40°C to 85°C
0.8
%/V
Output noise voltage (TPS79718)
BW = 200 Hz to 100 kHz, Co = 10 µF,
IO = 10 mA,
TA = 25°C
600
µVRMS
Output current limit
VO = 0 V,
See Note 4
190
300
mA
Power supply ripple rejection (TPS79718)
f = 100 Hz,
Co = 10 µF,
IO = 10 mA,
TA = 25°C
50
dB
TPS79730
IO = 10 mA,
TA = 25°C
110
Dropout voltage (see Note 5)
TPS79730
IO = 10 mA,
TA = –40°C to 85°C
200
mV
Dropout voltage (see Note 5)
TPS79733
IO = 10 mA,
TA = 25°C
105
mV
TPS79733
IO = 10 mA,
TA = –40°C to 85°C
200
Minimum input voltage for valid PG
IO(PG) = 100µA,
V(PG) ≥ 0.8 V
1.2
V
PG trip threshold voltage
VO decreasing
82
90
96
%VO
PG output low voltage
VI = 1.5 V,
IO(PG) = 1 mA
0.14
0.225
V
PG leakage current
V(PG) = 5 V
0.1
nA
NOTES:
2. To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
3. Continuous output current is limited by internal protection circuitry, but it is not recommended that the device operate under
conditions beyond those specified in this table for extended periods of time.
4. The minimum IN operating voltage is 1.8 V or VO (typ) + 1 V, whichever is greater. The maximum IN voltage is 5.5 V. There is no
minimum output current requirement and the maximum output current is 10 mA.
5. IN voltage equals VO(typ) –100 mV; The TPS79730 input voltage is set to 2.9 V and the TPS79733 input voltage is set to 3.2 V. The
TPS79718 dropout voltage is limited by input voltage range limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com