Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT12D Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT12D
Description  Low power and high noise immunity CMOS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12D Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT12D_09 Datasheet HTML 1Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage ..........................................
-0.3V to 13V
Storage Temperature ............................
-50°Cto125°C
Input Voltage ................................VSS
-0.3 to VDD+0.3V
Operating Temperature...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
5
12
V
ISTB
Standby Current
5V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
5V
No load, fOSC=150kHz
¾
200
400
mA
IO
Data Output Source Current (D8~D11)
5V
VOH=4.5V
-1
-1.6
¾
mA
Data Output Sink Current (D8~D11)
5V
VOL=0.5V
1
1.6
¾
mA
IVT
VT Output Source Current
5V
VOH=4.5V
-1
-1.6
¾
mA
VT Output Sink Current
VOL=0.5V
1
1.6
¾
mA
VIH
²H² Input Voltage
5V
¾
3.5
¾
5V
VIL
²L² Input Voltage
5V
¾
0
¾
1V
fOSC
Oscillator Frequency
5V
ROSC=51k
W¾
150
¾
kHz
HT12D/HT12F
Rev. 1.20
3
February 20, 2009
N M O S
T r a n s m i s s i o n G a t e
O s c i l l a t o r
O S C 1
O S C 2
E N
C M O S I N
C M O S O U T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com