Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45B1S Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45B1S
Description  IGBT Driver with LDO and Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B1S Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45B1S Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 1.10
3
January 06, 2016
HT45B1S
Electrical Characteristics
LDO Characteristics
Output Voltage V5=5V, -40°C≤Ta≤85°C,VIN=VOUT+1.0V, Ta=25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
VIN
Input Voltage (VCC1)
—
6
—
24
V
VOUT
Output Voltage
IO =1mA, Ta=25°C
-2%
5
2%
V
IO =1mA, -40°C≤Ta<85°C
-5%
5
5%
V
ΔVLOAD
Load Regulation (Note1)
VIN=7V, 1mA≤IO≤150mA, Ta=25°C
—
0.02
0.04
%/mA
VIN=6V, 1mA≤IO≤70mA, Ta=25°C
—
0.03
0.06
%/mA
VDROP
Drop Out Voltage (Note2) IO =1mA, ∆VO=2%
—
—
100
mV
IQS
Quiescent Current
VIN=12V,IO=0mA, no load
—
7
14
μA
ΔVLINE
Line Regulation
6V≤VIN≤24V, IO =1mA
—
—
0.2
%/V
Ta
VOUT
∆
∆
Temperature Coefficient
IO =10mA
0°C<Ta<70°C
—
±1.5
±2
mV/°C
Note:1.Loadregulationismeasuredataconstantjunctiontemperature,usingpulsetestingwithalowONtime
andisguaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbytheinput/
outputdifferentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnotbe
availableoverthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambient
temperatureisPD=(TJ(MAX)-Ta)/θJA
2.Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+1V.
Level Shift/Voltage Detector Electrical Characteristics
VDD=5V, VCC2=12V, Ta=25°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
VCC2
Level Shift Power Supply
—
6
—
24
V
IOPR1
VCC1 Operating Current (Note1)
VDD=5V, VCC2=12V, A=0, no load
—
7
14
μA
IOPR2
VCC2 Operating Current (Note1)
VCC2=12V, A=0, no load
—
10
20
μA
Level Shift
VIH
Input High Voltage
—
0.6VDD
—
VDD
V
VIL
Input Low Voltage
—
0
—
0.3VDD
V
ISOURCE
Output Source Current for AX pin
VOH=10.4V, Ta= -40°C~85°C
-105
-150
—
mA
ISINK
Output Sink Current for AX pin
VOH=1.6V, Ta= -40°C~85°C
105
150
—
mA
RPD1
Level Shift Output pull-low resistor
—
-30%
22
+30%
kΩ
RPD2
Level Shift Input pull-low resistor
—
-30%
20
+30%
kΩ
Voltage Detector
VDET1
VDD Detect Level
Ta= -40°C~85°C
-10%
3.0
+10%
V
Hysteresis
Ta= -40°C~85°C
—
250
—
mV
VDET2
VCC2 Detect Level
Ta= -40°C~85°C
-10%
9
+10%
V
Hysteresis
Ta= -40°C~85°C
—
750
—
mV
Note:OperatingorStandbycurrentincludesthepowerconsumptionoflevelshiftcircuitryandvoltagedetector.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com