Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MLGDFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F564MLGDFP
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MLGDFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F564MLGDFP Datasheet HTML 6Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 7Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 8Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 9Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 10Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 11Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 12Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 13Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 228 page
background image
RX64M Group
1. Overview
R01DS0173EJ0110 Rev.1.10
Page 10 of 228
Oct 24, 2016
Note 1. Magic PacketTM is a registered trademark of Advanced Micro Devices, Inc.
Note 2. Setting is only possible when the input sampling rate 44.1 kHz is selected.
Note 3. The product part number differs according to whether or not it supports encryption.
Note 4. The product part number differs according to whether or not it includes an SDHI (SD host interface).
Encryption
function
AES*3
 Key lengths: 128, 192, and 256 bits
 Support for CBC, ECB, CFB, OFB, CTR, and CMAC operating modes
 Speed of calculations: 128-bit key length in 22 cycles
192-bit key length in 26 cycles
256-bit key length in 30 cycles
 Compliant with FIPS PUB 197
DES*3
 Key lengths: 56 bits (DES)/3 × 56 bits (T-DES)
 Support for DES and triple DES
 Support for ECB and CBC operating modes
 Speed of calculations: 6 clock cycles in single DES mode
14 clock cycles in triple DES mode
 Compliant with FIPS PUB 46-3
 Compliant with FIPS PUB 81
SHA*3
 Support for SHA-1 (128), SHA-2 (224 or 256), and HMAC (160, 224, or 256)
 Speed of calculations: 50 clock cycles in SHA-1 mode
42 clock cycles in SHA-224 mode
42 clock cycles in SHA-256 mode
 Compliant with SHA as defined in FIPS PUB 180-1 and -2
 Compliant with HMAC as defined in FIPS PUB 198
True random number
generator (RNG)*3
 Length of random numbers: 16 bits
 Generation of random-number-generated interrupts after a number is generated
 Random number generation time: 3.6 ms (typ)
Operating frequency
Up to 120 MHz
Power supply voltage
VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7
 VREFH0  AVCC0,
VCC_USBA = AVCC_USBA = 2.7 to 3.6 V,
VBATT = 2.0 to 3.6 V
Operating temperature
D-version:
40 to +85°C
G-version:
40 to +105°C (in planning)
Package
177-pin TFLGA (PTLG0177KA-A)
176-pin LFBGA (PLBG0176GA-A)
176-pin LFQFP (PLQP0176KB-A)
145-pin TFLGA (PTLG0145KA-A)
144-pin LFQFP (PLQP0144KA-A)
100-pin TFLGA (PTLG0100JA-A)
100-pin LFQFP (PLQP0100KB-A)
On-chip debugging system
 E1 emulator (JTAG and FINE interfaces)
 E20 emulator (JTAG interface)
Table 1.1
Outline of Specifications (9/9)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com