Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9705 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 42Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 43Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 44Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 46Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
43
ADR[2-0]
CHANNEL
000
none
001
X- plate
010
Y-plate
011
Pressure Conversion
100
BMON
101
AUXADC
110
PHONE
111
PCBEEP
Table 24 Conversion Address to Channel Map
If BUSY flag is enabled (BSEN bit in reg 78h set ‘1’) then the BUSY pin will remain high until the
conversion in complete, whereby it will transition low.
This signal is output onto pin 47, EAPD/BUSY where it may be observed by the controller if
required as an interrupt. (Note that use of this BUSY flag clearly precludes use of the EAPD
external amplifier power down bit, but as the WM9705 has integrated headphone amplifier with it’s
own power down bit PR6 in register 26h, this should not be a problem. If BSEN is not set, then
EAPD operates as normal)
If SLOT method is enabled (SLEN bit in register 76h is set ‘1’) then the data is output into the
chosen slot and the appropriate slot tag bit set. Choice of which slot the data is written into is
made by setting bits SLT[2-0] in register 76h. The following table shows which slot versus [2-0]
value.
SLT[2-0]
OUTPUT SLOT FOR
DIGITISER DATA
000
5
001
6
010
7
011
8
100
9
101
10
110
11
Table 25 Pen ADC Slot Select
When the conversion result has been read, then another conversion may be commenced as
required. In the event of another conversion being requested, then the stored result from the last
conversion will be overwritten when the new conversion has been completed.
However, if the WAIT bit is set in register 78h, then once a conversion is complete, the current
conversion result may not be written into the results register, until the previous conversion result
has been read. The sequence will halt at the finish of this current conversion, waiting for the
results register to be cleared. Note that this does allow the controller to slow down the rate of
conversions, so effectively determining the overall rate of conversion.
CONVERSION CONTROL
Control of ADC conversions, and screen driving functions, is by one of three methods:
•
Polling method
•
Polled Co-ordinate method
•
Continuous method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com