Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9710SEFT/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM9710SEFT/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFT/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM9710SEFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
10
POWER CONSUMPTION
CURRENT
CONSUMPTION
MODE
DESCRIPTION
AVDD
(mA
DVDD
(mA)
TOTAL
POWER
(mW)
Record and Playback
Mic Record (note 1)
0
0
0
0
0
0
0
X
00
000L
000R
14.8
14.3
96
Other Input Record
0
0
0
0
0
0
0
X
00
001L
001R
17.7
14.3
105.6
Other Input Record
PR6
0
0
0
0
0
0
1
X
00
001L
001R
16.3
14.3
101
Other Input Record
PR6 and PR2
0
0
1
0
0
0
1
X
00
001L
001R
10.7
14.3
82.5
Other Input Record
PR6 and PR3
0
0
0
1
0
0
1
X
00
001L
001R
0.5
14.1
48.2
Playback Only
Low Power
Playback (note 2)
1
0
1
0
0
0
0
X
00
001L
001R
5.5
11.5
56.1
Playback Only
1
0
0
0
0
0
0
X
00
001L
001R
11.1
11.5
74.6
Playback Only
PR6
1
0
0
0
0
0
1
X
00
001L
001R
9.7
11.5
70
Playback Only
PR6 and PR2
1
0
1
0
0
0
1
X
00
001L
001R
4.0
11.5
51.2
Playback Only
PR6 and PR3
1
0
0
1
0
0
1
X
00
001L
001R
0.4
11.5
39.3
Record Only
Mic Record (note 1)
0
1
0
0
0
0
0
X
00
000L
000R
12.9
13.3
86.5
Other Input Record
0
1
0
0
0
0
0
X
00
100L
100R
15.8
13.3
96
Other Input Record
PR6
0
1
0
0
0
0
1
X
00
100L
100R
14.3
11.3
84.5
Other Input Record
PR6 and PR2
0
1
1
0
0
0
1
X
00
100L
100R
7.2
13.3
67.7
Other Input Record
PR6 and PR3
0
1
0
1
0
0
1
X
00
100L
100R
0.3
12.9
43.6
Power Down
Power Down
(note 3)
1
1
1
1
1
1
1
X
00
XXXL
XXXR
0.0001
0.002
0.007
Pen Digitiser
Pen Digitiser
(Note 4)
1
1
1
1
0
1
1
X
11
XXXL
XXXR
0.1
3.6
12.2
Notes:
1.
When the ADC input mux is set to mic input to BOTH ADC channels, (SR2-0 and SL2-0 both set to ‘0’), one ADC is
shared between both channels and the other is powered off to save current. The same digital data is output to both slots.
2.
The POP bit (reg 20h) also needs to be set for this mode.
3.
These values are recorded with no external clocks applied to the WM9705.
4.
Pen active duty cycle is approximately 10%. Average analogue current consumption is approximately 10% of stated figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com