Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9705SEFT/RV Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM9705SEFT/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFT/RV Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM9705SEFT/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 55Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
52
RECOMMENDED EXTERNAL COMPONENTS
Figure 26 External Components Diagram
1
9
25
38
DVDD1
DVDD2
AVDD1
AVDD2
PCBEEP
12
PHONE
13
X+ / AUXL
14
X- / AUXR
15
Y+ / VIDL
16
Y- / VIDR
17
CDL
18
CDGND
19
CDR
20
MIC1
21
MIC2
22
LINEINL
23
LINEINR
24
CIDO
45
SDATAOUT
BITCLK
6
SDATAIN
8
SYNC
10
RESETB
11
AC-LINK
XTLOUT
3
XTLIN
DGND
XT
AUXADC
30
BMON
31
29
4
7
DGND2
DGND1
AGND1
26
AGND2
42
HPGND
40
LINEOUTL
35
LINEOUTR
36
MONOOUT
37
HPOUTL
39
HPOUTR
41
PENDET
46
MASK / LRC
43
SPEN / I2S
44
EAPD / BUSY
47
SPDIF
48
VREF
27
VREFOUT
28
CAP2
32
CX3D1
33
CX3D2
34
2
WM9705
DVDD
AVDD
GND
AGND
PDRES
+
+
+
+
+
MASTER MODE
(OPEN)
SLAVE MODE
(CLOSED)
AGND
AGND
+
AGND
+
TouchScreen
Y+
X-
X+
Y-
Direct battery measurement (6.5V max)
10 uF
0.1 uF
1uF
22 pF
22 pF
24.576 MHz
0.1 uF
0.047 uF
0.1 uF
0.1 uF
0.1 uF 10 uF
10 uF
AVDD
1uF
1uF
1uF
1uF
1uF
1uF
1uF
1uF
+
10 uF
0.1 uF
10 uF
0.1 uF
0.1 uF
220 uF
220 uF
2.2 uF
2.2 uF
2.2 uF
5
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com