Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1509 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # AP1509
Description  150KHz 2A PWM Buck DC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AP1509 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  AP1509 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP1509
4/6
Continue:
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
AP1509-ADJ
Output feedback
VFB
4.5V≤VIN≤36V
0.2A≤ILOAD≤2A
VOUT programmed for 3V
1.193
1.23
1.28
V
Efficiency
η
VIN=12V,ILOAD=2A
76
%
AP1509-3.3V
Output voltage
VOUT
4.75V≤VIN≤36V
0.2A≤ILOAD≤2A
3.168
3.3
3.465
V
Efficiency
η
VIN=12V,ILOAD=2A
78
%
AP1509-5V
Output voltage
VOUT
7V<VIN<22V
0.2A≤ILOAD≤2A
4.8
5
5.25
V
Efficiency
η
VIN=12V,ILOAD=2A
83
%
AP1509-12V
Output voltage
VOUT
15V≤VIN≤36V
0.2A≤ILOAD≤2A
11.4
12
12.6
V
Efficiency
η
VIN=15V,ILOAD=2A
90
%
FUNCTI ON DESCRIPTION
Pin Functi on +V IN
This is the positive input supply for the IC switching regulator. A suitable input bypass
capacitor must be presented at this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (+VIN – VSAT) and
approximately – 0.5V, with a duty cycle of approximately VOUT / VIN. To minimize
coupling to sensitive circuitry, the PC board copper area connected to this pin should be
minimized.
Feedback
Senses the regulated output voltage to complete the feedback loop.
SD
Allows the switching regulator circuit to be shutdown using logic level signals thus
dropping the total input supply current to approximately150uA. Pulling this pin below a
threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above
1.3V (up to a maximum of18V) shuts the regulator down. If this shutdown feature is not
needed, the SD pin can be wired to the ground pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com