Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP5032SL Datasheet(PDF) 2 Page - NIHON DEMPA KOGYO

Part # NP5032SL
Description  Base-stations, GbEthernet, Optical transmission device, and Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NP5032SL Datasheet(HTML) 2 Page - NIHON DEMPA KOGYO

  NP5032SL Datasheet HTML 1Page - NIHON DEMPA KOGYO NP5032SL Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillator
1702B_NP5032S-multi_e
NP5032S[]
Multi Mode
Simple Packaged Crystal Oscillator
(SPXO)
■ Dimensions
・Single / Dual
・Quad / Any Rate
① Model
NP5032SK
Single
NP5032SL
Dual
NP5032SM
Quad
NP5032SN
Any Rate
② Frequency
In case of Dual or Quad, please specify one
frequency and request other frequency separately.
In case of Any Rate, please specify one frequency
of initial setting.
Frequency is specified in MHz and four decimal
places (Max.).
(e.g.) 644.53125MHz : 644.5313
③ Supply Voltage
A
+3.3V
B
+2.5V
C
+1.8V
④ Output Voltage
C
CMOS
P
LVPECL
L
LVDS
M
CML
H
HCSL
⑤ Enable/Disable function
H
Enable High (#1)
L
Enable Low (#1)
N
None
A
Enable High (#2)
B
Enable Low (#2)
⑥ Overall Frequency Tolerance
B
±10×10-6
C
±20×10-6
D
±50×10-6
⑦ Operating Temperature Range
A
–40 to +85°C
■ Necessary information for nquiry
For question or order of this product, please specify
following specifications. If you require a product with
specifications not given following , please contact
NDK sales.
③ ④ ⑤ ⑥ ⑦
②
(e.g.) NP5032SK - 622.08 A P H D C
    ①     ②  ③ ④ ⑤ ⑥ ⑦
①
-
mm
Single
Terminal land connections
*#5 : NC (CMOS output)
#1
#2
#3
#4
#5
#6
Vcont
E/D or NC
GND
OUTPUT
OUTPUT
Vcc
Dual
Terminal land connections
#1
#2
#3
#4
#5
#6
Vcont
SEL
GND
OUTPUT
OUTPUT
Vcc
5.0 ± 0.2
2.54 ± 0.2
#1
#2
#3
#4
#5
#6
0.64 ± 0.1
1.27
1.27
1.5
0.84
Land pattern (Typical)
C0.30
mm
1.27
4.6
1.27
1.5
0.84
0.8
Land pattern (Typical)
C0.30
Quad
Terminal land connections
*#5 : NC (CMOS output)
#1
#2
#3
#4
#5
#6
#7
#8
Vcont
E/D or NC
GND
OUTPUT
OUTPUT
Vcc
FSEL1
FSEL0
Any Rate
Terminal land connections
#1
#2
#3
#4
#5
#6
#7
#8
Vcont
E/D or NC
GND
OUTPUT
OUTPUT
Vcc
SDA
SCL
5.0 ± 0.2
2.54 ± 0.2
#1
#2
#3
#4
#5
#6
#7
#8
3.8 ± 0.1
0.64 ± 0.1
NC or E/D
NC or E/D
NC or E/D
NC or E/D
NC or E/D
NC or E/D
NC or E/D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com