Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4449UB Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4449UB
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4449UB Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4449UB Datasheet HTML 1Page - Microsemi Corporation 2N4449UB Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/317
Devices
Qualified Level
2N2369A
2N2369AU
2N2369AUA
2N2369AUB
2N4449
2N4449U
2N4449UA
2N4449UB
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
All UB
All others
Unit
Collector-Emitter Voltage
VCEO
20
15
Vdc
Emitter-Base Voltage
VEBO
6.0
4.5
Vdc
Collector-Base Voltage
VCBO
40
Vdc
Collector-Emitter Voltage
VCES
40
Vdc
@ TA = +25
0C @ TC = +250C
Total Power Dissipation
2N2369A; 2N4449
All UA
All UB
All U
PT
0.50
(1)
0.50
(5)
0.40
(6)
0.60
(3)
1.2
(2)
1.2
(2)
1.4
(7)
1.5
(4)
W
W
Operating & Storage Junction Temperature Range Top, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
2N2369A; 2N4449
All UA
All UB
All U
RθJC
146
125
135
117
0C/mW
Thermal Resistance, Ambient-to-Case
2N2369A; 2N4449
All UA
All UB
All U
RθJA
325
350
437
291
0C/mW
1) Derate linearly 3.08 mW/
0C above T
A = +37.5
0C
5) Derate linearly 2.86 mW/
0C above T
C = +63.5
0C
2) Derate linearly 6.85 mW/
0C above T
C = +25
0C
6) Derate linearly 2.29 mW/
0C above T
C = +63.5
0C
3) Derate linearly 3.44 mW/
0C above T
A = +63.5
0C
7) Derate linearly 8.00 mW/
0C above T
C = +63.5
0C
4) Derate linearly 8.55 mW/
0C above T
C = +63.5
0C
TO-18* (TO-206AA)
2N2369A
TO-46 (TO-206AB)
2N4449
SURFACE MOUNT
UA*
SURFACE MOUNT
UB*
SURFACE MOUNT
U*
*See appendix A for
package outline
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N4449UB

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4449 SEMICOA-2N4449 Datasheet
30Kb / 1P
Chip Type 2C2369A Geometry 0005 Polarity NPN
logo
Central Semiconductor C...
2N4449 CENTRAL-2N4449 Datasheet
54Kb / 1P
Small Signal Transistors
logo
Semicoa Semiconductor
2N4449 SEMICOA-2N4449 Datasheet
314Kb / 2P
Silicon NPN Transistor
logo
Microsemi Corporation
2N4449 MICROSEMI-2N4449 Datasheet
54Kb / 2P
NPN SILICON TRANSISTOR
2N4449 MICROSEMI-2N4449 Datasheet
54Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - 2N4449UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com