Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F52306ADFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F52306ADFP
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52306ADFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F52306ADFP Datasheet HTML 1Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 2Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 3Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 4Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 5Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 6Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 7Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 8Page - Renesas Technology Corp R5F52306ADFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 2 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1
lists the specifications, and Table 1.2 gives a comparison of the functions of the products in different
packages.
Table 1.1
is for products with the greatest number of functions, so the number of peripheral modules and channels will
differ in accordance with the package type. For details, see Table 1.2, Comparison of Functions for Different
Packages
.
Table 1.1
Outline of Specifications (1/4)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 54 MHz
 32-bit RX CPU (RX v2)
 Minimum instruction execution time: One instruction per clock cycle
 Address space: 4-Gbyte linear
 Register set
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 Basic instructions: 75 (variable-length instruction format)
 Floating-point instructions: 11
 DSP instructions: 23
 Addressing modes: 10
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32-bit × 32-bit → 64-bit
 On-chip divider: 32-bit ÷ 32-bit → 32 bits
 Barrel shifter: 32 bits
 Memory protection unit (MPU)
FPU
 Single precision (32-bit) floating point
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
ROM
 Capacity: 128/256/384/512 Kbytes
 Up to 32 MHz: No-wait memory access
32 to 54 MHz: Wait state required. No wait state if the instruction is served by a ROM accelerator hit.
 Programming/erasing method:
Serial programming (asynchronous serial communication/USB communication), self-programming
RAM
 Capacity: 32/64 Kbytes
 54 MHz, no-wait memory access
E2 DataFlash
 Capacity: 8 Kbytes
 Number of erase/write cycles: 1,000,000 (typ)
MCU operating mode
Single-chip mode, on-chip ROM enabled expansion mode, and on-chip ROM disabled expansion mode
(software switching)
Clock
Clock generation circuit
 Main clock oscillator, sub-clock oscillator, low-speed on-chip oscillator, high-speed on-chip oscillator,
PLL frequency synthesizer, USB-dedicated PLL frequency synthesizer, and IWDT-dedicated on-chip
oscillator
 Oscillation stop detection: Available
 Clock frequency accuracy measurement circuit (CAC)
 Independent settings for the system clock (ICLK), peripheral module clock (PCLK), external bus clock
(BCLK), and FlashIF clock (FCLK)
The CPU and system sections such as other bus masters run in synchronization with the system
clock (ICLK): 54 MHz (at max.)
MTU2a runs in synchronization with the PCLKA: 54 MHz (at max.)
The ADCLK for the S12AD runs in synchronization with the PCLKD: 54 MHz (at max.)
Peripheral modules other than MTU2a and S12ADE run in synchronization with the PCLKB: 32 MHz (at max.)
Devices connected to external buses run in synchronization with the BCLK: 32 MHz (at max.)
The flash peripheral circuit runs in synchronization with the FCLK: 32 MHz (at max.)
Resets
RES# pin reset, power-on reset, voltage monitoring reset, watchdog timer reset, independent watchdog
timer reset, and software reset
Voltage detection
Voltage detection circuit
(LVDAb)
 When the voltage on VCC falls below the voltage detection level, an internal reset or internal interrupt
is generated.
Voltage detection circuit 0 is capable of selecting the detection voltage from 4 levels
Voltage detection circuit 1 is capable of selecting the detection voltage from 14 levels
Voltage detection circuit 2 is capable of selecting the detection voltage from 4 levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com