Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R4U Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT45R4U
Description  TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R4U Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT45R4U Datasheet HTML 82Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 83Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 84Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 85Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 86Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 87Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 88Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 89Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
Rev. 1.10
86
�a��� 1�� �01�
Rev. 1.10
87
�a��� 1�� �01�
HT45R4U
TinyPowerTM A/D Type
e-Banking ASSP OTP MCU with LCD
Watchdog Timer
TheWatchdogTimerisprovidedtopreventprogrammalfunctionsorsequencesfromjumpingto
unknownlocations,duetocertainuncontrollableexternaleventssuchaselectricalnoise.
Watchdog Timer Clock Source
TheWatchdogTimerclocksourceisprovidedbythefSUBclock.ThefSUBclockissourcedfrom
theLXToscillatorselected.TheLXToscillatorissuppliedbyanexternal32.768kHzcrystal.The
WatchdogTimersourceclockisthensubdividedbyaratioof28to218togivelongertimeouts,the
actualvaluebeingchosenusingtheWS2~WS0bitsintheWDTCregister.
Watchdog Timer Control Regsiter
Asingleregister,WDTC,controlstherequiredtimeoutperiodaswellastheenableoperation.This
registercontrolstheoveralloperationoftheWatchdogTimer.
WDTC Register
Bit
7
6
5
4
3
2
1
0
Name
WE4
WE3
WE�
WE1
WE0
WS�
WS1
WS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
0
1
1
Bit7~3
WE4~WE0:WDTfunctionenablecontrol
01010:Enabled
10101:Enabled(WDTfunctionisalwaysenable)
OtherValues:ResetMCU
Ifthesebitsarechangedduetoadverseenvironmentalconditions,themicrocontroller
willbereset.Theresetoperationwillbeactivatedafter2~3LIRCclockcyclesandthe
WRFbitintheSMOD1registerwillbesetto1.
Bit2~0
WS2~WS0:SelectWDTTime-outPeriod
000:27/fSUB~28/fSUB
001:29/fSUB~210/fSUB
010:211/fSUB~212/fSUB
011:213/fSUB~214/fSUB
100:214/fSUB~215/fSUB
101:215/fSUB~216/fSUB
110:216/fSUB~217/fSUB
111:217/fSUB~218/fSUB
ThesethreebitsdeterminethedivisionratiooftheWatchdogTimersourceclock,
whichinturndeterminesthetimeoutperiod.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com