Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R003B Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT46R003B
Description  Cost-Effective A/D 8-bit OTP MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003B Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R003B Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
Rev. 1.00
�0
��ne 1�� �01�
Rev. 1.00
�1
��ne 1�� �01�
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
WhentheTimer/EventCounterisread,orifdataiswrittentothepreloadregister,theclockis
inhibitedtoavoiderrors,howeverasthismayresultinacountingerror,thisshouldbetakeninto
accountbytheprogrammer.Caremustbetakentoensurethatthetimersareproperlyinitialised
beforeusingthemforthefirsttime.Theassociatedtimerenablebitsintheinterruptcontrol
registermustbeproperlysetotherwisetheinternalinterruptassociatedwiththetimerwillremain
inactive.Theedgeselect,timermodeandclocksourcecontrolbitsintimercontrolregistermust
alsobecorrectlysettoensurethetimerisproperlyconfiguredfortherequiredapplication.Itis
alsoimportanttoensurethataninitialvalueisfirstloadedintothetimerregistersbeforethetimer
isswitchedon;thisisbecauseafterpower-ontheinitialvaluesofthetimerregistersareunknown.
Afterthetimerhasbeeninitialisedthetimercanbeturnedonandoffbycontrollingtheenablebitin
thetimercontrolregister.
WhentheTimer/EventCounteroverflows,itscorrespondinginterruptrequestflagintheinterrupt
controlregisterwillbeset.IftheTimer/EventCounterinterruptisenabledthiswillinturngenerate
aninterruptsignal.Howeverirrespectiveofwhethertheinterruptsareenabledornot,aTimer/Event
Counteroverflowwillalsogenerateawake-upsignalifthedeviceisinaPower-downcondition.This
situationmayoccuriftheTimer/EventCounterisintheEventCountingModeandiftheexternal
signalcontinuestochangestate.Insuchacase,theTimer/EventCounterwillcontinuetocount
theseexternaleventsandifanoverflowoccursthedevicewillbewokenupfromitsPower-down
condition.Topreventsuchawake-upfromoccurring,thetimerinterruptrequestflagshouldfirstbe
sethighbeforeissuingthe“HALT”instructiontoentertheSleepMode.
Timer Program Example
TheprogramshowshowtheTimer/EventCounterregistersaresetalongwithhowtheinterruptsare
enabledandmanaged.NotehowtheTimer/EventCounteristurnedon,bysettingbit4oftheTimer
ControlRegister.TheTimer/EventCountercanbeturnedoffinasimilarwaybyclearingthesame
bit.ThisexampleprogramsetstheTimer/EventCounterstobeinthetimermode,whichusesthe
internalsystemclockastheirclocksource.
PFD Programming Example
org 04h
; external interrupt vector
org 08h
; Timer/Event Counter interrupt vector
jmptmrint;jumpherewhenTimeroverflows
:
:
org 20h
; main program
:
:
; internal Timer interrupt routine
tmrint:
:
; Timer main program placed here
:
begin:
; set Timer registers
mov a,09bh
; set Timer preload value
mov tmr,a
mov a,081h
; set Timer control register
mov tmrc,a
; timer mode and prescaler set to /2
mov a, 0c0H
; select fSYSfortheTMRclocksource
mov wdtc, a
; set interrupt register
mov a,05h
; enable master interrupt and both timer interrupts
mov intc0,a
:
:
set tmrc.4
; start Timer
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com